Electronic Components Datasheet Search
  English  ▼

X  

W78IRD2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # W78IRD2
Description  8-BIT MICROCONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W78IRD2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  W78IRD2 Datasheet HTML 1Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 2Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 3Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 4Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 5Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 6Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 7Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 8Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
W78IRD2 Data Sheet
8-BIT MICROCONTROLLER
Publication Release Date: October 2, 2006
- 1 -
Revision A7
Table of Contents-
1.
GENERAL DESCRIPTION .......................................................................................................... 3
2.
FEATURES.................................................................................................................................. 3
3.
PIN CONFIGURATIONS ............................................................................................................. 4
4.
PIN DESCRIPTION ..................................................................................................................... 5
5.
FUNCTIONAL DESCRIPTION .................................................................................................... 6
5.1
RAM ................................................................................................................................ 6
5.2
Timers/Counters.............................................................................................................. 6
5.3
Clock ............................................................................................................................... 7
5.4
Power Management ........................................................................................................ 7
5.5
Reduce EMI Emission ..................................................................................................... 7
5.6
Reset ............................................................................................................................... 7
6.
SPECIAL FUNCTION REGISTER .............................................................................................. 8
7.
PORT 4 AND BASE ADDRESS REGISTERS .......................................................................... 30
8.
INTERRUPTS............................................................................................................................ 32
8.1
External Interrupts 2 and 3 ............................................................................................ 32
8.2
Interrupt Priority............................................................................................................. 32
9.
PROGRAMMABLE TIMERS/COUNTERS ................................................................................ 33
9.1
Timer 0 and Timer 1...................................................................................................... 33
9.2
Timer/Counter 2 ............................................................................................................ 35
10.
ENHANCED FULL DUPLEX SERIAL PORT ............................................................................ 38
10.1
MODE 0......................................................................................................................... 38
10.2
MODE 1......................................................................................................................... 39
10.3
MODE 2......................................................................................................................... 40
10.4
MODE 3......................................................................................................................... 41
10.5
Framing Error Detection ................................................................................................ 42
10.6
Multi-Processor Communications ................................................................................. 42
11.
PROGRAMMABLE COUNTER ARRAY (PCA) ......................................................................... 44
11.1
PCA Capture Mode ....................................................................................................... 47
11.2
16-bit Software Timer Comparator Mode...................................................................... 48
11.3
High Speed Output Mode .............................................................................................. 48
11.4
Pulse Width Modulator Mode ........................................................................................ 49
11.5
Watchdog Timer............................................................................................................ 50
12.
HARDWARE WATCHDOG TIMER (ONE-TIME ENABLED WITH RESET-OUT) ................... 51
13.
DUAL DPTR .............................................................................................................................. 51
14.
TIMED-ACCESS PROTECTION............................................................................................... 52


Similar Part No. - W78IRD2

ManufacturerPart #DatasheetDescription
logo
Winbond
W78IRD2 WINBOND-W78IRD2 Datasheet
632Kb / 76P
8-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
W78IRD2 ETC2-W78IRD2 Datasheet
1Mb / 76P
8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78IRD2 NUVOTON-W78IRD2 Datasheet
1Mb / 76P
8-BIT MICROCONTROLLER
logo
Winbond
W78IRD2A WINBOND-W78IRD2A Datasheet
632Kb / 76P
8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78IRD2A25DL NUVOTON-W78IRD2A25DL Datasheet
1Mb / 76P
8-BIT MICROCONTROLLER
More results

Similar Description - W78IRD2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com