Electronic Components Datasheet Search
  English  ▼

X  

W78IRD2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # W78IRD2
Description  8-BIT MICROCONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W78IRD2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  W78IRD2 Datasheet HTML 1Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 2Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 3Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 4Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 5Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 6Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 7Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 8Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
W78IRD2
Publication Release Date: October 2, 2006
- 3 -
Revision A7
1.
GENERAL DESCRIPTION
The W78IRD2 is an 8-bit microcontroller which is pin- and instruction-set-compatible with the standard
80C52. The W78IRD2 contains a 64-KB Flash EPROM whose contents may be updated in-system by
a loader program stored in an auxiliary, 4-KB Flash EPROM. Once the contents are confirmed, it can
be protected for security.
The W78IRD2 also contains 256 bytes of on-chip RAM; 1 KB of auxiliary RAM; four 8-bit, bi-directional
and bit-addressable I/O ports; an additional 4-bit port P4; three 16-bit timer/counters; and a serial port.
These peripherals are all supported by nine interrupt sources with 4 levels of priority.
The W78IRD2 has two power-reduction modes: idle mode and power-down mode, both of which are
software-selectable. Idle mode turns off the processor clock but allows peripherals to continue
operating, while power-down mode stops the crystal oscillator for minimum power consumption.
Power-down mode can be activated at any time and in any state without affecting the processor.
2.
FEATURES
•
8-bit CMOS microcontroller
•
Pin-compatible with standard 80C52
•
Instruction-set compatible with 80C52
•
Four 8-bit I/O ports; Port 0 has internal pull-up resisters enabled by software
•
One extra 4-bit I/O port with interrupt and chip-select functions
•
Three 16-bit timers
•
Programmable clock out
•
Programmable Counter Array (PCA) with PWM, Capture, Compare and Watchdog functions
•
9 interrupt sources with 4 levels of priority
•
Full-duplex serial port with framing-error detection and automatic address recognition
•
64-KB, in-system-programmable, Flash EPROM (AP Flash EPRAOM)
•
4-KB auxiliary Flash EPROM for loader program (LD Flash EPROM)
•
256-byte on-chip RAM
•
1-KB auxiliary RAM, software-selectable
•
Software Reset
•
12 clocks per machine cycle operation (default). Speed up to 20 MHz.
•
6 clocks per machine cycle operation set by the writer. Speed up to 12 MHz.
•
2 DPTR registers
•
Low EMI (inhibit ALE)
•
Built-in power management with idle mode and power down mode
•
Code protection
•
Packages:
— Lead Free (RoHS) DIP 40:
W78IRD2A25DL
— Lead Free (RoHS) PLCC 44: W78IRD2A25PL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com