Electronic Components Datasheet Search
  English  ▼

X  

AD7650 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7650
Description  16-Bit, 570 kSPS Low Cost CMOS ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7650 Datasheet(HTML) 4 Page - Analog Devices

  AD7650 Datasheet HTML 1Page - Analog Devices AD7650 Datasheet HTML 2Page - Analog Devices AD7650 Datasheet HTML 3Page - Analog Devices AD7650 Datasheet HTML 4Page - Analog Devices AD7650 Datasheet HTML 5Page - Analog Devices AD7650 Datasheet HTML 6Page - Analog Devices AD7650 Datasheet HTML 7Page - Analog Devices AD7650 Datasheet HTML 8Page - Analog Devices AD7650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
AD7650
–4–
TIMING SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Unit
REFER TO FIGURES 13 AND 14 (continued)
SCLK Last Edge to SYNC Delay
t24
3
CS HIGH to SYNC HI-Z
t25
10
ns
CS HIGH to Internal SCLK HI-Z
t26
10
ns
CS HIGH to SDOUT HI-Z
t27
10
ns
BUSY HIGH in Master Serial Read After Convert
t28
2.75/3/3.25
µs
(Warp Mode/Normal Mode/Impulse Mode)
CNVST LOW to SYNC Asserted Delay
t29
1/1.25/1.5
µs
(Warp Mode/Normal Mode/Impulse Mode)
SYNC Deasserted to BUSY LOW Delay
t30
50
ns
REFER TO FIGURES 15 AND 16
(Slave Serial Interface Modes)
2
External SCLK Setup Time
t31
5ns
External SCLK Active Edge to SDOUT Delay
t32
316
ns
SDIN Setup Time
t33
5ns
SDIN Hold Time
t34
5ns
External SCLK Period
t35
25
ns
External SCLK HIGH
t36
10
ns
External SCLK LOW
t37
10
ns
NOTES
1In warp mode only, the maximum time between conversions is 1 ms; otherwise, there is no required maximum time.
2In serial interface modes, the SYNC, SCLK, and SDOUT timings are defined with a maximum load C
L of 10 pF; otherwise, the load is 60 pF maximum.
3If the polarity of SCLK is inverted, the timing references of SCLK are also inverted.
Specifications subject to change without notice.
(continued)
IOH
500 A
1.6mA
IOL
TO OUTPUT
PIN
1.4V
CL
60pF*
*IN SERIAL INTERFACE MODES,THE SYNC, SCLK, AND
SDOUT TIMINGS ARE DEFINED WITH A MAXIMUM LOAD
CL OF 10pF; OTHERWISE,THE LOAD IS 60pF MAXIMUM.
Figure 1. Load Circuit for Digital Interface Timing,
SDOUT, SYNC, SCLK Outputs, CL = 10 pF
0.8V
2V
2V
0.8V
0.8V
2V
t
DELAY
t
DELAY
Figure 2. Voltage Reference Levels for Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com