Electronic Components Datasheet Search
  English  ▼

X  

AD7650 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7650
Description  16-Bit, 570 kSPS Low Cost CMOS ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7650 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7650 Datasheet HTML 12Page - Analog Devices AD7650 Datasheet HTML 13Page - Analog Devices AD7650 Datasheet HTML 14Page - Analog Devices AD7650 Datasheet HTML 15Page - Analog Devices AD7650 Datasheet HTML 16Page - Analog Devices AD7650 Datasheet HTML 17Page - Analog Devices AD7650 Datasheet HTML 18Page - Analog Devices AD7650 Datasheet HTML 19Page - Analog Devices AD7650 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
REV. 0
AD7650
–16–
SCLK
SDOUT
D15
D14
D1
D0
D13
X15
X14
X13
X1
X0
Y15
Y14
CS
BUSY
SDIN
EXT/
INT = 1
INVSCLK = 0
t35
t36 t37
t31
t32
t16
t33
X15
X14
X
1
2
3
14
151617
18
RD = 0
t34
Figure 15. Slave Serial Data Timing for Reading (Read After Convert)
SDOUT
CS
SCLK
D1
D0
X
D15
D14
D13
12
3
14
15
16
t3
t35
t36 t37
t31
t32
t16
CNVST
BUSY
EXT/
INT = 1
INVSCLK = 0
RD = 0
Figure 16. Slave Serial Data Timing for Reading (Read Previous Conversion During Convert)
SCLK
SDOUT
RDC/SDIN
BUSY
BUSY
DATA OUT
AD7650
#1
(DOWNSTREAM)
BUSY OUT
CNVST
CS
SCLK
AD7650
#2
(UPSTREAM)
RDC/SDIN
SDOUT
SCLK IN
CS IN
CNVST IN
CNVST
CS
Figure 17. Two AD7650s in a “Daisy-Chain” Configuration
External Clock Data Read During Conversion
Figure 16 shows the detailed timing diagrams of this method.
During a conversion, while both
CS and RD are both low, the
result of the previous conversion can be read. The data is shifted
out, MSB first, with 16 clock pulses and is valid on both rising
and falling edge of the clock. The 16 bits have to be read before the
current conversion is complete. If that is not done, RDERROR
is pulsed high and can be used to interrupt the host interface to
prevent incomplete data reading. There is no “daisy chain”
feature in this mode and RDC/SDIN input should always be tied
either high or low.
To reduce performance degradation due to digital activity, a fast
discontinuous clock of, at least 18 MHz, when impulse mode is
used, 25 MHz when normal mode is used or 40 MHz when
warp mode is used, is recommended to ensure that all the bits
are read during the first half of the conversion phase. It is also
possible to begin to read the data after conversion and continue to
read the last bits even after a new conversion has been initiated.
That allows the use of a slower clock speed like 14 MHz in impulse
mode, 18 MHz in normal mode and 25 MHz in warp mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com