Electronic Components Datasheet Search
  English  ▼

X  

AD7650 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7650
Description  16-Bit, 570 kSPS Low Cost CMOS ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7650 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7650 Datasheet HTML 7Page - Analog Devices AD7650 Datasheet HTML 8Page - Analog Devices AD7650 Datasheet HTML 9Page - Analog Devices AD7650 Datasheet HTML 10Page - Analog Devices AD7650 Datasheet HTML 11Page - Analog Devices AD7650 Datasheet HTML 12Page - Analog Devices AD7650 Datasheet HTML 13Page - Analog Devices AD7650 Datasheet HTML 14Page - Analog Devices AD7650 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
–11–
AD7650
Transfer Functions
Using the OB/
2C digital input, the AD7650 offers two output
codings: straight binary and two’s complement. The LSB size is
VREF /65536, which is about 38.15
µV. The ideal transfer char-
acteristic for the AD7650 is shown in Figure 4 and Table I.
000...000
000...001
000...010
111...101
111...110
111...111
ANALOG INPUT
VREF – 1.5 LSB
VREF – 1 LSB
1 LSB
0V
0.5 LSB
1 LSB = V REF/65536
Figure 4. ADC Ideal Transfer Function
Table I. Output Codes and Ideal Input Voltages
Digital Output Code (Hex)
Analog
Straight
Two’s
Description
Input
Binary
Complement
FSR – 1 LSB
2.499962 V
FFFF
1
7FFF
1
FSR – 2 LSB
2.499923 V
FFFE
7FFE
Midscale + 1 LSB
1.250038 V
8001
0001
Midscale
1.25 V
8000
0000
Midscale – 1 LSB
1.249962 V
7FFF
FFFF
–FSR + 1 LSB
38
µV
0001
8001
–FSR
0 V
0000
2
8000
2
NOTES
1This is also the code for overrange analog input (V
IN+ – VIN– above VREF – VREFGND).
2This is also the code for underrange analog input (V
IN+ below VIN–).
NOTES
1. THE ADR421 IS RECOMMENDED WITH CREF = 47 F.
2. THE AD8021 IS RECOMMENDED WITH A COMPENSATION CAPACITOR CC = 10pF, TYPE CERAMIC NPO.
3. OPTIONAL LOW JITTER
CNVST.
AD7650
2.5V REF
NOTE 1
NOTE 2
U1
D
NOTE 3
CLOCK
C/ P/DSP
SERIAL
PORT
DIGITAL SUPPLY
(3.3V OR 5V)
DVDD
100nF
+
10 F
100nF
+
10 F
100
100nF
+
10 F
ANALOG
SUPPLY
(5V)
+
CREF1
1 F
4.7nF
CC
15
ANALOG INPUT
(0V TO 2.5V)
PD
RESET
CS
RD
IMPULSE
WARP
SER/
PAR
OB/
2C
CNVST
BUSY
SDOUT
SCLK
IN–
IN+
REFGND
REF
AGND
AVDD
DGND
DVDD
OVDD
OGND
Figure 5. Typical Connection Diagram
TYPICAL CONNECTION DIAGRAM
Figure 5 shows a typical connection diagram for the AD7650.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com