Electronic Components Datasheet Search
  English  ▼

X  

AD7650 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7650
Description  16-Bit, 570 kSPS Low Cost CMOS ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7650 Datasheet(HTML) 1 Page - Analog Devices

  AD7650 Datasheet HTML 1Page - Analog Devices AD7650 Datasheet HTML 2Page - Analog Devices AD7650 Datasheet HTML 3Page - Analog Devices AD7650 Datasheet HTML 4Page - Analog Devices AD7650 Datasheet HTML 5Page - Analog Devices AD7650 Datasheet HTML 6Page - Analog Devices AD7650 Datasheet HTML 7Page - Analog Devices AD7650 Datasheet HTML 8Page - Analog Devices AD7650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
a
AD7650
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
16-Bit, 570 kSPS
Low Cost CMOS ADC
FUNCTIONAL BLOCK DIAGRAM
SWITCHED
CAP DAC
16
CONTROL LOGIC AND
CALIBRATION CIRCUITRY
CLOCK
AD7650
DATA[15:0]
BUSY
RD
CS
SER/
PAR
OB/
2C
OGND
OVDD
DGND
DVDD
AVDD AGND REF REFGND
IN+
IN–
PD
RESET
SERIAL
PORT
PARALLEL
INTERFACE
CNVST
WARP
IMPULSE
FEATURES
Throughput
570 kSPS (Warp Mode)
500 kSPS (Normal Mode)
16 Bits Resolution
Analog Input Voltage Range: 0 V to 2.5 V
No Pipeline Delay
Parallel and Serial 5 V/3 V Interface
SPI™/QSPI™/MICROWIRE™/DSP Compatible
Single 5 V Supply Operation
Power Dissipation
77 mW Typical @ 444 kSPS (Impulse Mode)
21
W @ 100 SPS
Power-Down Mode: 7
W Max
Package: 48-Lead Quad Flat Pack (LQFP) or 48-Lead
Frame Chip-Scale Pack (LFCSP)
Pin-to-Pin Compatible with PulSAR ADCs
APPLICATIONS
Data Acquisition
Instrumentation
Digital Signal Processing
Spectrum Analysis
Medical Instruments
Battery-Powered Systems
Process Control
GENERAL DESCRIPTION
The AD7650 is a 16-bit, 570 kSPS, charge redistribution SAR,
analog-to-digital converter that operates from a single 5 V power
supply. The part contains a high-speed 16-bit sampling ADC,
an internal conversion clock, error correction circuits, and both
serial and parallel system interface ports.
It features a very high sampling rate mode (Warp) and, for
asynchronous conversion rate applications, a fast mode (Normal)
and, for low power applications, a reduced power mode (Impulse)
where the power is scaled with the throughput.
It is fabricated using Analog Devices’ high-performance,
0.6 micron CMOS process and is available in a 48-lead LQFP
or in a tiny 48-lead Chip Scale package with operation specified
from –40
°C to +85°C.
PRODUCT HIGHLIGHTS
1. Fast Throughput
The AD7650 is a 570 kSPS, charge redistribution, 16-bit
SAR ADC.
2. Single-Supply Operation
The AD7650 operates from a single 5 V supply. In impulse
mode, its power dissipation decreases with the throughput from
77 mW at 444 kSPS throughput to, for instance, only 21
µW
at a 100 SPS throughput. It consumes 7
µW maximum when
in power-down.
3. Serial or Parallel Interface
Versatile parallel or 2-wire serial interface arrangement com-
patible with both 3 V or 5 V logic.
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corporation.


Similar Part No. - AD7650

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7650 AD-AD7650 Datasheet
336Kb / 23P
16-Bit 1 MSPS SAR Unipolar ADC with Ref
AD7650 AD-AD7650 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7650 AD-AD7650 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7650 AD-AD7650 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
AD7650 AD-AD7650 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
More results

Similar Description - AD7650

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7660 AD-AD7660 Datasheet
218Kb / 20P
16-Bit, 100 kSPS CMOS ADC
REV.0
AD7664 AD-AD7664 Datasheet
392Kb / 19P
16-Bit, 570 kSPS CMOS ADC
REV.0
AD7665 AD-AD7665 Datasheet
348Kb / 24P
16-Bit, 570 kSPS CMOS ADC
REV.0
AD7665ACPZ AD-AD7665ACPZ Datasheet
355Kb / 23P
16-Bit, 570 kSPS CMOS ADC
REV. C
AD7664ASTZRL AD-AD7664ASTZRL Datasheet
320Kb / 24P
16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
REV. E
AD7664 AD-AD7664_15 Datasheet
386Kb / 24P
16-Bit, 570 kSPS
REV. E
AD7665 AD-AD7665_15 Datasheet
355Kb / 23P
16-Bit, 570 kSPS CMOS ADC
REV. C
AD7650 AD-AD7650 Datasheet
265Kb / 21P
16-Bit, 570 kSPS Low Cost CMOS ADC
23-Feb-2017
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
23-Feb-2017
AD7665 AD-AD7665_17 Datasheet
413Kb / 24P
16-Bit, 570 kSPS CMOS ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com