Electronic Components Datasheet Search
  English  ▼

X  

CD22101 Datasheet(PDF) 8 Page - Harris Corporation

Part # CD22101
Description  CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22101 Datasheet(HTML) 8 Page - Harris Corporation

Back Button CD22101 Datasheet HTML 4Page - Harris Corporation CD22101 Datasheet HTML 5Page - Harris Corporation CD22101 Datasheet HTML 6Page - Harris Corporation CD22101 Datasheet HTML 7Page - Harris Corporation CD22101 Datasheet HTML 8Page - Harris Corporation CD22101 Datasheet HTML 9Page - Harris Corporation CD22101 Datasheet HTML 10Page - Harris Corporation CD22101 Datasheet HTML 11Page - Harris Corporation CD22101 Datasheet HTML 12Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
4-200
CD22101, CD22102
Test Circuits and Waveforms
FIGURE 1. QUIESCENT CURRENT TEST CIRCUIT
FIGURE 2. INPUT CURRENT TEST CIRCUIT
FIGURE 3. DYNAMIC POWER DISSIPATION TEST CIRCUIT FOR CD22101AND TYPICAL DYNAMIC POWER DISSIPATION AS A
FUNCTION OF SWITCHING FREQUENCY
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
VSS
VSS
VDD
VDD
IDD
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
VSS
VSS
VDD
VDD
II
MEASURE INPUTS SEQUENTIALLY TO BOTH VDD AND VSS
CONNECT ALL UNUSED INPUTS TO EITHER VDD OR VSS
CLOSE SWITCH S AFTER APPLYING VDD
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
2k
Ω
VDD
ID
0.1
µF
500
µF
S
Q1
CL
CL
CL
CL
2k
Ω
VSS
CL
CL
CL
CL
Q4
2k
Ω
Q3
Q2
CD4029
CLK
Q1
Q2
Q3
Q4
CLK
2k
Ω
VDD = 15V
10V
5V
TA = 25
oC
SWITCHING FREQUENCY (Hz)
102
103
104
105
106
107
105
104
103
102
10
CL = 50pF
CL = 15pF
10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com