Electronic Components Datasheet Search
  English  ▼

X  

CD22101 Datasheet(PDF) 9 Page - Harris Corporation

Part # CD22101
Description  CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22101 Datasheet(HTML) 9 Page - Harris Corporation

Back Button CD22101 Datasheet HTML 5Page - Harris Corporation CD22101 Datasheet HTML 6Page - Harris Corporation CD22101 Datasheet HTML 7Page - Harris Corporation CD22101 Datasheet HTML 8Page - Harris Corporation CD22101 Datasheet HTML 9Page - Harris Corporation CD22101 Datasheet HTML 10Page - Harris Corporation CD22101 Datasheet HTML 11Page - Harris Corporation CD22101 Datasheet HTML 12Page - Harris Corporation CD22101 Datasheet HTML 13Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
4-201
CD22101, CD22102
FIGURE 4. OFF SWITCH INPUT OR OUTPUT LEAKAGE
CURRENT TEST CIRCUIT (16 OF 32 SWITCHES)
FIGURE 5. PROPAGATION DELAY TIME TEST CIRCUIT AND
WAVEFORMS (SIGNAL INPUT TO SIGNAL
OUTPUT, SWITCH ON)
FIGURE 6. PROPAGATION DELAY TIME TEST CIRCUIT AND WAVEFORMS
(STROBE TO SIGNAL OUTPUT, SWITCH TURN-ON OR TURN-OFF)
Test Circuits and Waveforms (Continued)
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
VSS
VDD
IL
SW
ON
VIS
VOS
10k
Ω
50pF
SW = ANY CROSSPOINT
STROBE = DATA - IN = VDD
VIS
VOS
VDD
VDD
tPLH
tPHL
0
0
50%
50%
50%
50%
SW
VIS
VOS
50pF
1k
Ω
VDD
STROBE
DATA-IN
SW = ANY CROSSPOINT
STROBE
VDD
DATA-IN
VOS
50%
90%
10%
tS
tH
tPZH
0
50%
50%
50%
tS
tH
VDD
VDD
0
0
tW
tW
tPHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com