Electronic Components Datasheet Search
  English  ▼

X  

CD22101 Datasheet(PDF) 12 Page - Harris Corporation

Part # CD22101
Description  CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22101 Datasheet(HTML) 12 Page - Harris Corporation

Back Button CD22101 Datasheet HTML 5Page - Harris Corporation CD22101 Datasheet HTML 6Page - Harris Corporation CD22101 Datasheet HTML 7Page - Harris Corporation CD22101 Datasheet HTML 8Page - Harris Corporation CD22101 Datasheet HTML 9Page - Harris Corporation CD22101 Datasheet HTML 10Page - Harris Corporation CD22101 Datasheet HTML 11Page - Harris Corporation CD22101 Datasheet HTML 12Page - Harris Corporation CD22101 Datasheet HTML 13Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
4-204
CD22101, CD22102
FIGURE 13. TEST CIRCUIT AND TYPICAL FEEDTHROUGH AS A FUNCTION OF FREQUENCY (ANY OFF SWITCH)
Typical Performance Curves
FIGURE 14. TYPICAL ON RESISTANCE AS A FUNCTION OF
INPUT SIGNAL VOLTAGE AT VDD = -VSS = 2.5V
FIGURE 15. TYPICAL ON RESISTANCE AS A FUNCTION OF
INPUT SIGNAL VOLTAGE AT VDD = -VSS = 5V
Test Circuits and Waveforms (Continued)
600
Ω
ANY
600
Ω
VOS
VIS
ISOLATION (dB) = 20 LOG
V
OS
V
IS
----------
OFF
SWITCH
INPUT SIGNAL FREQUENCY (Hz)
102
103
104
105
106
107
-140
-120
-100
-80
-60
-40
-20
TA = 25
oC
RL = 600Ω
RS = 600Ω
7.5V, -7.5V, 3VRMS
VDD = 2.5V, VSS = -2.5V
VIS = 1VRMS
5V, -5V, 2VRMS
VDD = 2.5V, VSS = -2.5V
INPUT SIGNAL (V)
300
250
200
150
100
50
0
-2
-1
0
1
2
350
TA = 125
oC
25oC
-55oC
VDD = 5V, VSS = -5V
TA = 125
oC
25oC
-55oC
INPUT SIGNAL (V)
-4
-2
0
2
4
150
125
100
75
50
25
0
175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com