Electronic Components Datasheet Search
  English  ▼

X  

CD22101 Datasheet(PDF) 4 Page - Harris Corporation

Part # CD22101
Description  CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22101 Datasheet(HTML) 4 Page - Harris Corporation

  CD22101 Datasheet HTML 1Page - Harris Corporation CD22101 Datasheet HTML 2Page - Harris Corporation CD22101 Datasheet HTML 3Page - Harris Corporation CD22101 Datasheet HTML 4Page - Harris Corporation CD22101 Datasheet HTML 5Page - Harris Corporation CD22101 Datasheet HTML 6Page - Harris Corporation CD22101 Datasheet HTML 7Page - Harris Corporation CD22101 Datasheet HTML 8Page - Harris Corporation CD22101 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4-196
CD22101, CD22102
Propagation Delay Time: High Level
or Low Level to High Impedance
tPHZ, tPLZ
6RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
450
900
ns
Strobe to Output, CD22101
10
-
200
400
ns
15
-
135
270
ns
KB to Output, CD22102
tPHZ, tPLZ
-RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
450
900
ns
10
-
200
400
ns
15
-
130
260
ns
Data-In to Output, CD22101
tPHZ, tPLZ
-RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
450
900
ns
10
-
165
330
ns
15
-
110
220
ns
KA • KB to Output, CD22102
tPHZ, tPLZ
-RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
280
560
ns
10
-
130
260
ns
15
-
90
180
ns
Address to Output
CD22101, CD22102
tPHZ, tPLZ
8RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
425
850
ns
10
-
190
380
ns
15
-
130
260
ns
Minimum Strobe Pulse Width,
CD22101
tW
6RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
260
500
ns
10
-
120
240
ns
15
-
80
160
ns
Address to Strobe Setup or Hold
Times, CD22101
tSU, tH
9RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
-160
0
ns
10
-
-70
0
ns
15
-
-50
0
ns
Strobe to Data-In Hold Time,
CD22101
tHHL, tHLH
10
RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
200
400
ns
10
-
80
160
ns
15
-
60
120
ns
Address to KA and KB Setup or Hold
Times, CD22102
tSU, tH
-RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
-160
0
ns
10
-
-70
0
ns
15
-
-50
0
ns
Minimum KA • KB Pulse Width,
CD22102
tW
-RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
375
750
ns
10
-
160
320
ns
15
-
110
220
ns
Minimum KA Pulse Width, CD22102
tW
-RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
425
850
ns
10
-
175
350
ns
15
-
120
240
ns
Electrical Specifications
TA = 25
oC (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
FIGURE
fIS
(kHz)
RL
(k
Ω)
VIS (V)
(Note 3)
VDD
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com