Electronic Components Datasheet Search
  English  ▼

X  

CD22101 Datasheet(PDF) 5 Page - Harris Corporation

Part # CD22101
Description  CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22101 Datasheet(HTML) 5 Page - Harris Corporation

  CD22101 Datasheet HTML 1Page - Harris Corporation CD22101 Datasheet HTML 2Page - Harris Corporation CD22101 Datasheet HTML 3Page - Harris Corporation CD22101 Datasheet HTML 4Page - Harris Corporation CD22101 Datasheet HTML 5Page - Harris Corporation CD22101 Datasheet HTML 6Page - Harris Corporation CD22101 Datasheet HTML 7Page - Harris Corporation CD22101 Datasheet HTML 8Page - Harris Corporation CD22101 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
4-197
CD22101, CD22102
Functional Block Diagram
Minimum KB Pulse Width, CD22102
tW
-RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
200
400
ns
10
-
90
180
ns
15
-
70
140
ns
Control Crosstalk, Data-In, Address
or Strobe to Output
11
100
10
5
-
75
-
mVPEAK
Square Wave Input = 5V,
tR, tF = 20ns, RS = 1kΩ
Input Capacitance
CIN
Any Control Input
-
-
5
7.5
pF
NOTES:
3. Peak-to-peak voltage symmetrical about
, unless otherwise specified.
4. RMS.
Electrical Specifications
TA = 25
oC (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
FIGURE
fIS
(kHz)
RL
(k
Ω)
VIS (V)
(Note 3)
VDD
(V)
V
DD
2
-----------
SIGNALS IN (OUT)
SIGNALS IN (OUT)
SIGNALS
OUT (IN)
SIGNALS
OUT (IN)
0
1
2
3
7
6
5
4
8
12
13
9
10
11
15
14
Y1
Y2
Y3
Y4
17
16
20
21
19
18
22
15
X1
X2
X3
X4
0’
1’
2’
3’
7’
6’
5’
4’
8’
12’
13’
9’
10’
11’
15’
14’
Y1’
Y2’
Y3’
Y4’
8
9
5
4
6
7
3
10
X1’
X2’
X3’
X4’
16
16
16
16
14
13
CD22102
ONLY
KA
KB
CD22101
ONLY
STROBE
DATA
ADDRESS
D
11
DECODER
2
1
23
C
B
A
LATCHES
(NOTE)
INPUTS PROTECTED
BY COS/MOS
PROTECTION
NETWORK
VDD
VSS
(NOTE)
(NOTE)
(NOTE)
(NOTE)
(NOTE)
NOTE:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com