Electronic Components Datasheet Search
  English  ▼

X  

UPA821 Datasheet(PDF) 3 Page - NEC

Part # UPA821
Description  NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA821 Datasheet(HTML) 3 Page - NEC

  UPA821 Datasheet HTML 1Page - NEC UPA821 Datasheet HTML 2Page - NEC UPA821 Datasheet HTML 3Page - NEC UPA821 Datasheet HTML 4Page - NEC UPA821 Datasheet HTML 5Page - NEC UPA821 Datasheet HTML 6Page - NEC UPA821 Datasheet HTML 7Page - NEC UPA821 Datasheet HTML 8Page - NEC UPA821 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet P14552EJ1V0DS00
3
µµµµPA821TC
TYPICAL CHARACTERISTICS (TA = +25
°°°°C)
12
8
4
DC Base Voltage VBE (V)
Ambient Temperature TA (
°C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
COLLECTOR CURRENT vs.
DC BASE VOLTAGE
0
10
20
0
0.5
1.0
10
1 000
100
0.1
1
10
100
0
100
200
230
0
50
100
150
0
16
01234
5
6
VCE = 3 V
IB = 160 A
µ
IB = 140 A
µ
IB = 120 A
µ
IB = 100 A
µ
IB = 80 A
µ
IB = 60 A
µ
IB = 40 A
µ
IB = 20 A
µ
VCE = 3 V
2 Elements in total
Free Air
Per
Element



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com