Electronic Components Datasheet Search
  English  ▼

X  

UPA821 Datasheet(PDF) 5 Page - NEC

Part # UPA821
Description  NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA821 Datasheet(HTML) 5 Page - NEC

  UPA821 Datasheet HTML 1Page - NEC UPA821 Datasheet HTML 2Page - NEC UPA821 Datasheet HTML 3Page - NEC UPA821 Datasheet HTML 4Page - NEC UPA821 Datasheet HTML 5Page - NEC UPA821 Datasheet HTML 6Page - NEC UPA821 Datasheet HTML 7Page - NEC UPA821 Datasheet HTML 8Page - NEC UPA821 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet P14552EJ1V0DS00
5
µµµµPA821TC
S-PARAMETER Q1
VCE = 3 V, IC = 1 mA
FREQUENCY
S11
S21
S12
S22
GHz
MAG.
ANG.MAG.ANG.
MAG.ANG.MAG.
ANG.
0.1
0.941
−30.4
3.863
157.1
0.058
64.5
0.997
−13.0
0.2
0.913
−58.3
3.499
136.9
0.079
52.1
0.947
−25.8
0.3
0.872
−83.6
3.156
118.9
0.103
35.2
0.898
−37.2
0.4
0.847
−107.8
2.833
101.5
0.125
20.1
0.845
−47.7
0.5
0.807
−129.2
2.549
85.9
0.130
8.6
0.793
−56.4
0.6
0.786
−148.3
2.281
71.5
0.142
−4.6
0.755
−64.9
0.7
0.773
−165.3
2.069
58.3
0.146
−15.7
0.718
−72.9
0.8
0.763
178.4
1.880
45.8
0.150
−25.2
0.693
−81.2
0.9
0.753
163.7
1.726
33.9
0.149
−33.2
0.673
−88.6
1.0
0.748
150.0
1.597
22.5
0.146
−42.0
0.656
−96.4
1.1
0.749
136.7
1.479
11.6
0.144
−49.9
0.644
−104.8
1.2
0.740
124.2
1.378
1.1
0.141
−57.4
0.633
−112.6
1.3
0.748
111.9
1.291
−9.2
0.135
−64.1
0.623
−120.4
1.4
0.748
100.6
1.216
−19.3
0.127
−71.9
0.614
−128.6
1.5
0.756
89.6
1.147
−29.1
0.124
−77.6
0.608
−137.1
1.6
0.757
78.6
1.079
−38.8
0.118
−81.3
0.602
−145.6
1.7
0.762
68.6
1.025
−48.1
0.110
−86.0
0.597
−154.5
1.8
0.765
58.2
0.973
−57.4
0.105
−88.5
0.594
−163.3
1.9
0.770
48.6
0.928
−66.3
0.102
−92.8
0.593
−172.3
2.0
0.773
38.7
0.882
−75.2
0.100
−93.1
0.587
178.7
2.1
0.779
29.2
0.841
−83.8
0.098
−95.6
0.584
169.7
2.2
0.776
20.0
0.801
−92.6
0.097
−95.0
0.580
160.0
2.3
0.786
11.4
0.767
−100.7
0.097
−95.6
0.577
150.3
2.4
0.788
2.0
0.736
−109.0
0.102
−96.1
0.577
140.6
2.5
0.791
−6.5
0.705
−116.8
0.111
−97.8
0.574
130.5
2.6
0.795
−15.0
0.677
−124.7
0.119
−99.7
0.577
120.4
2.7
0.797
−23.6
0.651
−132.0
0.131
−102.7
0.573
110.3
2.8
0.797
−31.2
0.624
−139.8
0.139
−108.3
0.573
100.1
2.9
0.801
−39.3
0.602
−147.3
0.146
−113.9
0.572
90.3
3.0
0.810
−47.0
0.578
−154.6
0.152
−117.5
0.582
80.2
VCE = 3 V, IC = 3 mA
FREQUENCY
S11
S21
S12
S22
GHz
MAG.
ANG.MAG.ANG.
MAG.ANG.MAG.
ANG.
0.1
0.869
−42.8
9.904
149.2
0.038
52.2
0.945
−21.8
0.2
0.794
−78.9
8.266
125.9
0.070
45.7
0.819
−38.9
0.3
0.737
−108.3
6.914
106.6
0.088
30.5
0.711
−52.4
0.4
0.695
−133.8
5.786
89.7
0.087
16.2
0.623
−62.4
0.5
0.669
−154.6
4.961
75.5
0.103
5.7
0.553
−71.2
0.6
0.652
−172.5
4.274
62.6
0.101
−0.4
0.506
−78.2
0.7
0.641
172.0
3.789
50.9
0.103
−10.3
0.470
−85.7
0.8
0.636
157.8
3.375
39.8
0.108
−14.9
0.440
−92.3
0.9
0.634
144.5
3.030
29.4
0.110
−22.1
0.417
−99.5
1.0
0.634
132.1
2.760
19.2
0.108
−26.9
0.397
−106.7
1.1
0.637
120.4
2.538
9.3
0.111
−31.4
0.386
−114.0
1.2
0.638
108.9
2.341
−0.1
0.114
−36.6
0.372
−121.6
1.3
0.643
98.6
2.178
−9.4
0.116
−40.6
0.362
−129.4
1.4
0.647
88.3
2.036
−18.6
0.114
−45.4
0.350
−136.6
1.5
0.654
78.3
1.917
−27.9
0.118
−49.6
0.343
−145.7
1.6
0.659
68.6
1.804
−36.9
0.120
−54.4
0.335
−153.7
1.7
0.665
59.2
1.700
−45.7
0.123
−58.0
0.330
−162.4
1.8
0.673
49.7
1.615
−54.7
0.127
−62.5
0.325
−171.0
1.9
0.679
40.8
1.533
−63.1
0.130
−67.3
0.319
179.7
2.0
0.684
31.6
1.458
−71.8
0.137
−70.3
0.318
170.8
2.1
0.689
23.0
1.393
−80.2
0.140
−75.8
0.313
161.6
2.2
0.695
14.5
1.329
−88.7
0.146
−79.9
0.308
151.7
2.3
0.704
6.1
1.274
−96.8
0.152
−85.2
0.306
141.8
2.4
0.709
−2.2
1.220
−105.1
0.157
−89.9
0.305
132.4
2.5
0.713
−10.4
1.172
−112.9
0.165
−94.8
0.299
121.2
2.6
0.720
−18.4
1.130
−121.0
0.173
−99.8
0.304
110.7
2.7
0.725
−26.6
1.083
−128.8
0.181
−105.7
0.307
100.5
2.8
0.734
−34.4
1.040
−136.8
0.189
−111.1
0.308
90.0
2.9
0.737
−42.2
1.010
−144.4
0.197
−116.8
0.309
79.6
3.0
0.744
−49.8
0.974
−152.1
0.206
−121.9
0.317
68.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com