Electronic Components Datasheet Search
  English  ▼

X  

UPA821 Datasheet(PDF) 7 Page - NEC

Part # UPA821
Description  NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA821 Datasheet(HTML) 7 Page - NEC

Back Button UPA821 Datasheet HTML 3Page - NEC UPA821 Datasheet HTML 4Page - NEC UPA821 Datasheet HTML 5Page - NEC UPA821 Datasheet HTML 6Page - NEC UPA821 Datasheet HTML 7Page - NEC UPA821 Datasheet HTML 8Page - NEC UPA821 Datasheet HTML 9Page - NEC UPA821 Datasheet HTML 10Page - NEC UPA821 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet P14552EJ1V0DS00
7
µµµµPA821TC
S-PARAMETER Q2
VCE = 3 V, IC = 1 mA
FREQUENCY
S11
S21
S12
S22
GHz
MAG.
ANG.MAG.ANG.
MAG.ANG.MAG.
ANG.
0.1
0.940
−30.5
3.922
157.0
0.055
52.8
0.994
−13.7
0.2
0.908
−58.7
3.540
136.7
0.080
52.1
0.939
−26.0
0.3
0.876
−83.9
3.181
118.8
0.107
35.6
0.891
−37.4
0.4
0.848
−107.0
2.840
101.5
0.121
18.0
0.838
−47.5
0.5
0.816
−127.6
2.559
86.2
0.135
10.1
0.789
−56.7
0.6
0.793
−146.3
2.289
71.9
0.143
−2.9
0.747
−65.1
0.7
0.774
−163.2
2.075
58.8
0.146
−14.3
0.713
−73.5
0.8
0.762
−178.2
1.889
46.8
0.147
−24.0
0.688
−81.1
0.9
0.758
167.8
1.735
35.3
0.148
−30.6
0.671
−89.2
1.0
0.750
154.4
1.604
23.9
0.148
−39.8
0.655
−97.0
1.1
0.749
142.1
1.492
13.3
0.141
−46.9
0.635
−105.2
1.2
0.746
130.1
1.392
2.9
0.139
−53.2
0.623
−112.9
1.3
0.751
118.8
1.306
−7.2
0.135
−61.4
0.613
−121.0
1.4
0.746
107.5
1.231
−16.9
0.127
−66.3
0.606
−129.9
1.5
0.751
97.2
1.162
−26.6
0.126
−71.8
0.598
−138.5
1.6
0.755
87.2
1.107
−36.0
0.119
−77.1
0.591
−146.8
1.7
0.759
77.2
1.051
−45.3
0.114
−80.6
0.585
−155.8
1.8
0.759
67.5
1.004
−54.5
0.109
−83.1
0.578
−164.6
1.9
0.763
58.0
0.966
−63.4
0.108
−86.2
0.574
−173.8
2.0
0.765
48.6
0.915
−72.1
0.103
−87.0
0.572
176.6
2.1
0.768
39.7
0.877
−80.7
0.100
−89.5
0.562
167.1
2.2
0.767
30.8
0.840
−89.2
0.105
−89.5
0.561
156.9
2.3
0.771
22.4
0.808
−97.4
0.106
−90.5
0.557
146.9
2.4
0.774
13.4
0.776
−105.8
0.114
−90.8
0.553
136.7
2.5
0.780
5.0
0.746
−113.5
0.120
−91.9
0.550
126.3
2.6
0.785
−3.1
0.721
−121.7
0.128
−95.2
0.550
115.6
2.7
0.787
−11.8
0.693
−129.1
0.140
−97.0
0.548
105.1
2.8
0.790
−19.4
0.667
−136.4
0.149
−101.2
0.551
94.6
2.9
0.792
−27.5
0.647
−143.8
0.162
−105.3
0.550
83.6
3.0
0.795
−35.2
0.626
−150.8
0.176
−110.7
0.551
72.6
VCE = 3 V, IC = 3 mA
FREQUENCY
S11
S21
S12
S22
GHz
MAG.
ANG.MAG.ANG.
MAG.ANG.MAG.
ANG.
0.1
0.859
−41.4
9.530
149.9
0.059
46.3
0.965
−20.7
0.2
0.803
−78.2
7.977
126.6
0.067
42.2
0.836
−37.7
0.3
0.744
−106.9
6.695
107.5
0.088
26.9
0.727
−51.2
0.4
0.703
−131.2
5.614
90.7
0.091
17.2
0.637
−60.7
0.5
0.687
−151.3
4.863
76.4
0.100
7.7
0.568
−68.7
0.6
0.665
−169.1
4.172
63.9
0.101
0.0
0.519
−76.5
0.7
0.655
176.4
3.678
52.2
0.101
−8.0
0.480
−82.4
0.8
0.649
162.7
3.300
41.3
0.107
−14.3
0.448
−90.3
0.9
0.646
150.1
2.967
31.1
0.107
−19.3
0.429
−97.3
1.0
0.641
138.2
2.717
21.0
0.110
−24.9
0.410
−104.2
1.1
0.648
126.9
2.500
11.2
0.111
−29.8
0.393
−111.7
1.2
0.646
116.4
2.317
1.6
0.110
−35.0
0.380
−119.2
1.3
0.645
106.2
2.155
−7.4
0.113
−40.3
0.371
−126.7
1.4
0.652
96.4
2.021
−16.6
0.114
−44.3
0.359
−134.5
1.5
0.662
87.0
1.904
−25.5
0.116
−47.3
0.351
−142.6
1.6
0.662
77.6
1.797
−34.5
0.120
−51.6
0.341
−151.1
1.7
0.668
68.5
1.705
−43.5
0.123
−54.8
0.336
−160.0
1.8
0.670
59.4
1.618
−52.2
0.127
−59.1
0.329
−168.6
1.9
0.675
50.8
1.551
−60.5
0.130
−64.0
0.324
−177.8
2.0
0.678
42.2
1.472
−69.2
0.137
−68.8
0.314
172.8
2.1
0.686
33.4
1.409
−77.4
0.142
−73.0
0.305
163.4
2.2
0.686
25.4
1.348
−86.1
0.147
−76.7
0.302
153.5
2.3
0.693
17.1
1.294
−94.2
0.153
−80.8
0.299
142.8
2.4
0.698
9.0
1.242
−102.3
0.162
−85.7
0.293
132.5
2.5
0.703
1.3
1.200
−110.1
0.169
−90.6
0.293
121.8
2.6
0.709
−6.7
1.157
−118.3
0.178
−95.8
0.291
110.9
2.7
0.710
−14.2
1.123
−125.6
0.186
−101.3
0.291
99.8
2.8
0.717
−21.9
1.080
−133.7
0.195
−107.2
0.291
88.4
2.9
0.724
−29.5
1.044
−141.5
0.204
−112.5
0.293
77.1
3.0
0.727
−37.0
1.009
−149.4
0.215
−118.5
0.298
66.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com