Electronic Components Datasheet Search
  English  ▼

X  

UPA821 Datasheet(PDF) 2 Page - NEC

Part # UPA821
Description  NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA821 Datasheet(HTML) 2 Page - NEC

  UPA821 Datasheet HTML 1Page - NEC UPA821 Datasheet HTML 2Page - NEC UPA821 Datasheet HTML 3Page - NEC UPA821 Datasheet HTML 4Page - NEC UPA821 Datasheet HTML 5Page - NEC UPA821 Datasheet HTML 6Page - NEC UPA821 Datasheet HTML 7Page - NEC UPA821 Datasheet HTML 8Page - NEC UPA821 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Data Sheet P14552EJ1V0DS00
2
µµµµPA821TC
ELECTRICAL CHARACTERISTICS (TA = +25°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector Cutoff Current
ICBO
VCB = 10 V, IE = 0
−−
1.0
µA
Emitter Cutoff Current
IEBO
VEB = 1 V, IC = 0
−−
1.0
µA
DC Current Gain
hFE
VCE = 3 V, IC = 7 mA
Note 1
70
−
140
Gain Bandwidth Product
fT
VCE = 3 V, IC = 7 mA, f = 1 GHz
3.0
4.5
−
GHz
Feedback Capacitance
Cre
VCB = 3 V, IE = 0, f = 1 MHz
Note 2
−
0.7
1.5
pF
Insertion Power Gain
|S21e|
2
VCE = 3 V, IC = 7 mA, f = 1 GHz
7.0
9.0
−
dB
Noise Figure
NF
VCE = 3 V, IC = 7 mA, f = 1 GHz
−
1.2
2.5
dB
Notes 1. Pulse Measurement: PW
≤ 350
µs, Duty Cycle ≤ 2 %
2. Capacitance between collector and base measured with a capacitance meter (auto
−balancing bridge
method). Emitter should be connected to the guard pin of capacitance meter.
hFE CLASSIFICATION
Rank
FB
Marking
81
hFE Value
70 to 140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com