Electronic Components Datasheet Search
  English  ▼

X  

CD4536BMS Datasheet(PDF) 4 Page - Intersil Corporation

Part # CD4536BMS
Description  CMOS Programmable Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4536BMS Datasheet(HTML) 4 Page - Intersil Corporation

  CD4536BMS Datasheet HTML 1Page - Intersil Corporation CD4536BMS Datasheet HTML 2Page - Intersil Corporation CD4536BMS Datasheet HTML 3Page - Intersil Corporation CD4536BMS Datasheet HTML 4Page - Intersil Corporation CD4536BMS Datasheet HTML 5Page - Intersil Corporation CD4536BMS Datasheet HTML 6Page - Intersil Corporation CD4536BMS Datasheet HTML 7Page - Intersil Corporation CD4536BMS Datasheet HTML 8Page - Intersil Corporation CD4536BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
7-1239
Specifications CD4536BMS
Output Current (Source)
IOH15
VDD =15V, VOUT = 13.5V
1, 2
+125oC
-
-2.4
mA
-55oC
-
-4.2
mA
Input Voltage Low
VIL
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC, -55oC-
3
V
Input Voltage High
VIH
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC, -55oC+7
-
V
Propagation Delay
Clock to Q1 8-Bypass High
TPHL1
TPLH1
VDD = 10V
1, 2, 3
+25oC
-
1000
ns
VDD = 15V
1, 2, 3
+25oC
-
700
ns
Propagation Delay
Clock to Q1 8-Bypass Low
TPHL2
TPLH2
VDD = 10V
1, 2, 3
+25oC
-
1600
ns
VDD = 15V
1, 2, 3
+25oC
-
1200
ns
Propagation Delay
Clock to Q16
TPHL3
TPLH3
VDD = 10V
1, 2, 3
+25oC
-
3000
ns
VDD = 15V
1, 2, 3
+25oC
-
2000
ns
Propagation Delay
Qn to Qn+1
TPHL
TPLH
VDD = 5V
1, 2, 3
+25oC
-
300
VDD = 10V
1, 2, 3
+25oC
-
150
VDD = 15V
1, 2, 3
+25oC
-
100
Propagation Delay
Set to Qn
TPLH
VDD = 5V
1, 2, 3
+25oC
-
600
VDD = 10V
1, 2, 3
+25oC
-
250
VDD = 15V
1, 2, 3
+25oC
-
160
Propagation Delay
Reset to Qn
TPHL4
VDD = 10V
1, 2, 3
+25oC
-
2000
ns
VDD = 15V
1, 2, 3
+25oC
-
1500
ns
Transition Time
TTHL
TTLH
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Maximum Clock Input
Frequency. Unlimited In-
put Rise or Fall Time
FCL
VDD = 10V
1, 2, 3
+25oC
1.5
-
MHz
VDD = 15V
1, 2, 3
+25oC
2.5
-
MHz
Minimum Clock Pulse
Width
TW
VDD = 5V
1, 2, 3
+25oC
-
400
ns
VDD = 10V
1, 2, 3
+25oC
-
150
ns
VDD = 15V
1, 2, 3
+25oC
-
100
ns
Minimum Set Pulse Width
TW
VDD = 5V
1, 2, 3
+25oC
-
400
ns
VDD = 10V
1, 2, 3
+25oC
-
200
ns
VDD = 15V
1, 2, 3
+25oC
-
120
ns
Minimum Reset Pulse
Width
TW
VDD = 5V
1, 2, 3
+25oC-
6
µs
VDD = 10V
1, 2, 3
+25oC-
2
µs
VDD = 15V
1, 2, 3
+25oC
-
1.5
µs
Minimum Set Recovery
Time
TREM
VDD = 5V
1, 2, 3
+25oC-
5
µs
VDD = 10V
1, 2, 3
+25oC-
2
µs
VDD = 15V
1, 2, 3
+25oC
-
1.6
µs
Minimum Reset Recov-
ery Time
TREM
VDD = 5V
1, 2, 3
+25oC-
7
µs
VDD = 10V
1, 2, 3
+25oC-
3
µs
VDD = 15V
1, 2, 3
+25oC-
2
µs
Input Capacitance
CIN
Any Input
1, 2
+25oC
-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized
on initial design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com