Electronic Components Datasheet Search
  English  ▼

X  

CD4536BMS Datasheet(PDF) 9 Page - Intersil Corporation

Part # CD4536BMS
Description  CMOS Programmable Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4536BMS Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CD4536BMS Datasheet HTML 5Page - Intersil Corporation CD4536BMS Datasheet HTML 6Page - Intersil Corporation CD4536BMS Datasheet HTML 7Page - Intersil Corporation CD4536BMS Datasheet HTML 8Page - Intersil Corporation CD4536BMS Datasheet HTML 9Page - Intersil Corporation CD4536BMS Datasheet HTML 10Page - Intersil Corporation CD4536BMS Datasheet HTML 11Page - Intersil Corporation CD4536BMS Datasheet HTML 12Page - Intersil Corporation CD4536BMS Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
7-1244
CD4536BMS
FIGURE 6. TYPICAL PROPAGATION DELAY TIME AS A
FUNCTION OF LOAD CAPACITANCE
(CLOCK TO Q1, 8-BYPASS HIGH)
FIGURE 7. TYPICAL PROPAGATION DELAY TIME AS A
FUNCTION OF LOAD CAPACITANCE
(CLOCK TO Q1, 8-BYPASS LOW)
FIGURE 8. TYPICAL PROPAGATION DELAY TIME AS A
FUNCTION OF LOAD CAPACITANCE
(CLOCK TO Q16, 8-BYPASS HIGH)
FIGURE 9. TYPICAL PROPAGATION DELAY TIME AS A
FUNCTION OF LOAD CAPACITANCE
(QN TO QN + 1)
FIGURE 10. TYPICAL RC OSCILLATOR FREQUENCY
DEVIATION AS A FUNCTION OF SUPPLY
VOLTAGE
FIGURE 11. TYPICAL RC OSCILLATOR FREQUENCY
DEVIATION AS A FUNCTION OF TIME CONSTANT
RESISTANCE AND CAPACITANCE
Typical Performance Characteristics (Continued)
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
LOAD CAPACITANCE (CL) (pF)
2
1.5
1
0.5
0
0
2040
6080
100
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
LOAD CAPACITANCE (CL) (pF)
4
3
2
1
0
0
2040
6080
100
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
LOAD CAPACITANCE (CL) (pF)
2
1.5
1
0.5
0
0
2040
6080
100
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
LOAD CAPACITANCE (CL) (pF)
200
150
100
50
0
0
2040
6080
100
AMBIENT TEMPERATURE (TA) = +25
oC
RS = 120k
Ω, f = 5900Hz
SUPPLY VOLTAGE (VDD) (V)
60
40
20
0
-20
579
11
13
15
EXTERNAL RESISTANCE (RE) = 56k
Ω
EXTERNAL CAPACITANCE (CX) = 1000pF
RS = 0, f = 7900Hz
-10
10
30
50
6
8
10
12
14
AMBIENT TEMPERATURE (TA) = +25
oC
f vs Rtc
EXTERNAL CAPACITANCE (CT) (pF)
SUPPLY VOLTAGE (VDD) = 10V
f =
1
3Rtc CT
CT = 1000pF
RS = 2Rtc
f vs CT
Rtc = 56k
Ω
RS = 120k
Ω
8
6
4
2
102
103
8
6
4
2
102
10
0
10-2
103
10-1
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
104
8
6
4
2
105
8
6
4
2
106
1
10
102
103
104
EXTERNAL RESISTANCE (Rtc) (k
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com