Electronic Components Datasheet Search
  English  ▼

X  

CD4536BMS Datasheet(PDF) 11 Page - Intersil Corporation

Part # CD4536BMS
Description  CMOS Programmable Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4536BMS Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CD4536BMS Datasheet HTML 5Page - Intersil Corporation CD4536BMS Datasheet HTML 6Page - Intersil Corporation CD4536BMS Datasheet HTML 7Page - Intersil Corporation CD4536BMS Datasheet HTML 8Page - Intersil Corporation CD4536BMS Datasheet HTML 9Page - Intersil Corporation CD4536BMS Datasheet HTML 10Page - Intersil Corporation CD4536BMS Datasheet HTML 11Page - Intersil Corporation CD4536BMS Datasheet HTML 12Page - Intersil Corporation CD4536BMS Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
7-1246
CD4536BMS
FIGURE 18. TYPICAL DYNAMIC POWER DISSIPATION AS A FUNCTION OF INPUT PULSE FREQUENCY
Applications
FIGURE 19. APPLICATION SHOWING USE OF CD4098BMS AND CD4536BMS TO GET DECODE PULSE 8 CLOCK PULSES AFTER
RESET PULSE
FIGURE 20. TIME INTERVAL CONFIGURATION USING EXTER-
NAL CLOCK; SET AND CLOCK INHIBIT FUNCTIONS
FIGURE 21. TIME INTERVAL CONFIGURATION USING EXTER-
NAL CLOCK; RESET AND OUTPUT MONOSTABLE
TO ACHIEVE A PULSE OUTPUT
Typical Performance Characteristics (Continued)
AMBIENT TEMPERATURE (TA) = +25
oC
PULSE INPUT FREQUENCY (kHz)
8
6
4
2
105
8
6
4
2
104
8
6
4
2
103
8
6
4
2
102
10
10V
SUPPLY VOLTAGE (VDD) = 15V
5V
0.1
1
10
102
8
6
4
2
103
8
6
4
2
8
6
4
2
8
6
4
2
CL = 50pF
CL = 15pF
A
B
C
D
8-BYPASS
OSC INH
C INH
SET
RESET
MONO IN
OUT 1
OUT 2
DECODE
OUT
IN 1
VDD
RX
CX
VSS
14
9
10
11
12
1
2
6
15
8
>10K
16
4
5
3
12
11
13
12
16
VDD
15 14
8
+TR
-TR
R
+TR
-TR
R
Q1
R
CL
CODE OUT
(CL
÷ 8)
Q1 OUTPUT
CD4098BMS
A
B
C
D
8-BYPASS
OSC INH
C INH
SET
RESET
MONO IN
≥10kΩ
OUT 1
OUT 2
DECODE
OUT
IN 1
VDD
CLOCK
t
VSS
A
B
C
D
8-BYPASS
OSC INH
C INH
SET
RESET
MONO IN
OUT 1
OUT 2
DECODE
OUT
IN 1
VDD
CLOCK
t
R
CL
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com