Electronic Components Datasheet Search
  English  ▼

X  

CD4536BMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4536BMS
Description  CMOS Programmable Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4536BMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD4536BMS Datasheet HTML 1Page - Intersil Corporation CD4536BMS Datasheet HTML 2Page - Intersil Corporation CD4536BMS Datasheet HTML 3Page - Intersil Corporation CD4536BMS Datasheet HTML 4Page - Intersil Corporation CD4536BMS Datasheet HTML 5Page - Intersil Corporation CD4536BMS Datasheet HTML 6Page - Intersil Corporation CD4536BMS Datasheet HTML 7Page - Intersil Corporation CD4536BMS Datasheet HTML 8Page - Intersil Corporation CD4536BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
7-1236
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4536BMS
CMOS Programmable Timer
Description
CD4536BMS is a programmable timer consisting of 24 ripple
binary counter stages. The salient feature of this device is its
flexibility. The device can count from 1 to 224 or the first 8
stages can be bypassed to allow an output, selectable by a
4-bit code, from any one of the remaining 16 stages. It can
be driven by an external clock or an RC oscillator that can be
constructed using on-chip components. Input IN1 serves as
either the external clock input or the input to the on-chip RC
oscillator. OUT1 and OUT2 are connection terminals for the
external RC components. In addition, an on-chip monostable
circuit is provided to allow a variable pulse width output. Var-
ious timing functions can be achieved using combinations of
these capabilities.
A logic 1 on the 8-BYPASS input enables a bypass of the
first 8 stages and makes stage 9 the first counter stage of
the last 16 stages. Selection of 1 of 16 outputs is accom-
plished by the decoder and the BCD inputs A, B, C and D.
MONO IN is the timing input for the on-chip monostable
oscillator. Grounding of the MONO IN terminal through a
resistor of 10k
Ω or higher, disables the one-shot circuit and
connects the decoder directly to the DECODE OUT terminal.
A resistor to VDD and a capacitor to ground from the MONO
IN terminal enables the one-shot circuit and controls its
pulse width.
A fast test mode is enabled by a logic 1 on 8-BYPASS, SET,
and RESET. This mode divides the 24-stage counter into
three 8-stage sections to facilitate a fast test sequence.
The CD4536BMS is supplied in these 16-lead outline packages:
Braze Seal DIP
H4X
Frit Seal DIP
H1F
Ceramic Flatpack
H6W
Features
• High Voltage Type (20V Rating)
• 24 Flip-Flop Stage - Counts from 20 to 224
• Last 16 Stages Selectable by BCD Select Code
• Bypass Input Allows Bypassing First 8 Stages
• On-Chip RC Oscillator Provision
• Clock Inhibit Input
• Schmitt Trigger in clock Line Permits Operation with
Very Long Rise and Fall Times
• On-Chip Monostable Output Provision
• Typical fCL = 3MHz at VDD = 10V
• Test Mode Allows Fast Test Sequence
• Set and Reset Inputs
• Capable of Driving Two Low Power TTL Loads, One
Lower Power Schottky Load, or Two HTL Loads Over
the Rated Temperature Range
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Standardized, Symmetrical Output Characteristics
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
December 1992
File Number
3345
Pinout
CD4536BMS
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
SET
RESET
IN 1
OUT 1
OUT 2
8-BYPASS
VSS
CLOCK INHIBIT
VDD
OSC INHIBIT
DECODE OUT
D
C
B
A
MONO IN
BINARY
SELECT
Functional Diagram
OSC
14
6
9
10
11
12
1
2
15
A
B
C
D
BINARY
SELECT
8-BYPASS
INHIBIT
CLOCK
INHIBIT
SET
RESET
MONO IN
73
RS
4
5
OUT 1
OUT 2
RT
13 DECODE
OUT
IN 1
VSS = 8
VDD = 16


Similar Part No. - CD4536BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4536B TI-CD4536B Datasheet
415Kb / 9P
CMOS PROGRAMMABLE TIMER
CD4536B TI1-CD4536B Datasheet
1Mb / 20P
CMOS Programmable Timer
CD4536B-MIL TI1-CD4536B-MIL Datasheet
1Mb / 20P
CMOS Programmable Timer
logo
Tyco Electronics
CD4536BDW MACOM-CD4536BDW Datasheet
1Mb / 21P
CMOS Programmable Timer
logo
Texas Instruments
CD4536BDW TI-CD4536BDW Datasheet
1Mb / 21P
CMOS Programmable Timer
More results

Similar Description - CD4536BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4536B TI-CD4536B Datasheet
415Kb / 9P
CMOS PROGRAMMABLE TIMER
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
CMOS PROGRAMMABLE INTERVAL TIMER
logo
Unisonic Technologies
CD4541 UTC-CD4541 Datasheet
73Kb / 7P
PROGRAMMABLE TIMER CMOS IC
logo
Intersil Corporation
82C54 INTERSIL-82C54_05 Datasheet
386Kb / 22P
CMOS Programmable Intervel Timer
July 11, 2005
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
CMOS Programmable Timer
logo
Texas Instruments
CD4536BE TI-CD4536BE Datasheet
1Mb / 21P
CMOS Programmable Timer
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
CMOS Programmable Interval Timer
November 26, 2013
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
CMOS Programmable Timer
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
CMOS Programmable Timer
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
CMOS Programmable Interval Timer
Sep 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com