Electronic Components Datasheet Search
  English  ▼

X  

HC5526IP Datasheet(PDF) 4 Page - Intersil Corporation

Part # HC5526IP
Description  ITU CO/PABX SLIC with Low Power Standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5526IP Datasheet(HTML) 4 Page - Intersil Corporation

  HC5526IP Datasheet HTML 1Page - Intersil Corporation HC5526IP Datasheet HTML 2Page - Intersil Corporation HC5526IP Datasheet HTML 3Page - Intersil Corporation HC5526IP Datasheet HTML 4Page - Intersil Corporation HC5526IP Datasheet HTML 5Page - Intersil Corporation HC5526IP Datasheet HTML 6Page - Intersil Corporation HC5526IP Datasheet HTML 7Page - Intersil Corporation HC5526IP Datasheet HTML 8Page - Intersil Corporation HC5526IP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
60
TIP IDLE VOLTAGE
Active, IL = 0
--4-
V
Standby, IL = 0
-<0-
V
RING IDLE VOLTAGE
Active, IL = 0
-
-24
-
V
Standby, IL = 0
-
>-28
-
V
4-WIRE TRANSMIT PORT (VTX)
Overload Level
ZL > 20kΩ, 1% THD (Note 12, Figure 7)
3.1
-
-
VPEAK
Output Offset Voltage
EG = 0, ZL = ∞ (Note 13, Figure 7)
-60
-
60
mV
Output Impedance (Guaranteed by Design)
0.2kHz < f < 03.4kHz
-
5
20
Ω
2- to 4-Wire (Metallic to VTX) Voltage Gain
0.3kHz < f < 03.4kHz (Note 14, Figure 7)
0.98
1.0
1.02
V/V
FIGURE 6. TWO-WIRE RETURN LOSS
FIGURE 7. OVERLOAD LEVEL (4-WIRE TRANSMIT PORT),
OUTPUT OFFSET VOLTAGE, 2-WIRE TO 4-WIRE
VOLTAGE GAIN AND HARMONIC DISTORTION
4-WIRE RECEIVE PORT (RSN)
DC Voltage
IRSN = 0mA
-
0
-
V
RX Sum Node Impedance (Guaranteed by
Design)
0.3kHz < f < 3.4kHz
-
-
20
Ω
Current Gain-RSN to Metallic
0.3kHz < f < 3.4kHz (Note 15, Figure 8)
980
1000
1020
Ratio
FREQUENCY RESPONSE (OFF-HOOK)
2-Wire to 4-Wire
0dBm at 1.0kHz, ERX = 0V,
0.3kHz < f < 3.4kHz (Note 16, Figure 9)
-0.2
-
0.2
dB
4-Wire to 2-Wire
0dBm at 1.0kHz, EG = 0V,
0.3kHz < f < 3.4kHz (Note 17, Figure 9)
-0.2
-
0.2
dB
4-Wire to 4-Wire
0dBm at 1.0kHz, EG = 0V,
0.3kHz < f < 3.4kHz (Note 18, Figure 9)
-0.2
-
0.2
dB
INSERTION LOSS
2-Wire to 4-Wire
0dBm, 1kHz (Note 19, Figure 9)
-0.2
-
0.2
dB
4-Wire to 2-Wire
0dBm, 1kHz (Note 20, Figure 9)
-0.2
-
0.2
dB
GAIN TRACKING (Ref = -10dBm, at 1.0kHz)
2-Wire to 4-Wire
-40dBm to +3dBm (Note 21, Figure 9)
-0.1
-
0.1
dB
2-Wire to 4-Wire
-55dBm to -40dBm (Note 21, Figure 9)
-
±0.03
-
dB
4-Wire to 2-Wire
-40dBm to +3dBm (Note 22, Figure 9)
-0.1
-
0.1
dB
Electrical Specifications
TA =0
oCto70oC, V
CC =5V ±5%, VEE = -5V ±5%, VBAT = -28V, AGND = BGND = 0V, RDC1 =RDC2 = 41.2kΩ,
RD = 39kΩ,RSG = ∞,RF1 =RF2 =0Ω,CHP = 10nF, CDC = 1.5µF, ZL = 600Ω, Unless Otherwise Specified. All
pin number references in the figures refer to the 28 lead PLCC package. (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RRX
VS
300k
Ω
ZD
RLR
RT
600k
Ω
R
R
ZIN
VM
TIP
27
VTX
19
RING
28
RSN
16
RT
RRX
IDCMET
600k
Ω
300k
Ω
C
EG
RL
VTXO
600
Ω
ZL
VTR
23mA
2.16
µF
VTX
TIP
27
VTX
19
RING
28
RSN
16
HC5526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com