Electronic Components Datasheet Search
  English  ▼

X  

HC5526IP Datasheet(PDF) 5 Page - Intersil Corporation

Part # HC5526IP
Description  ITU CO/PABX SLIC with Low Power Standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5526IP Datasheet(HTML) 5 Page - Intersil Corporation

  HC5526IP Datasheet HTML 1Page - Intersil Corporation HC5526IP Datasheet HTML 2Page - Intersil Corporation HC5526IP Datasheet HTML 3Page - Intersil Corporation HC5526IP Datasheet HTML 4Page - Intersil Corporation HC5526IP Datasheet HTML 5Page - Intersil Corporation HC5526IP Datasheet HTML 6Page - Intersil Corporation HC5526IP Datasheet HTML 7Page - Intersil Corporation HC5526IP Datasheet HTML 8Page - Intersil Corporation HC5526IP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
61
4-Wire to 2-Wire
-55dBm to -40dBm (Note 22, Figure 9)
-
±0.03
-
dB
FIGURE 8. CURRENT GAIN-RSN TO METALLIC
FIGURE 9. FREQUENCY RESPONSE, INSERTION LOSS, GAIN
TRACKING AND HARMONIC DISTORTION
NOISE
Idle Channel Noise at 2-Wire
C-Message Weighting (Note 23, Figure 10)
-
10
-
dBrnC
Idle Channel Noise at 4-Wire
C-Message Weighting (Note 24, Figure 10)
-
10
-
dBrnC
HARMONIC DISTORTION
2-Wire to 4-Wire
0dBm, 1kHz (Note 25, Figure 7)
-
-65
-54
dB
4-Wire to 2-Wire
0dBm, 0.3kHz to 3.4kHz (Note 26,
Figure 9)
-
-65
-54
dB
BATTERY FEED CHARACTERISTICS
Constant Loop Current Tolerance
RDCX = 41.2kΩ
IL = 2500/(RDC1 + RDC2),
0oC to 70oC (Note 27)
0.9IL
IL
1.1IL
mA
Loop Current Tolerance (Standby)
IL = (VBAT-3)/(RL +1800),
0oC to 70oC (Note 28)
0.8IL
IL
1.2IL
mA
Open Circuit Voltage (VTIP - VRING)0
oC to 70oC, (Active)
14
-
20
V
LOOP CURRENT DETECTOR
On-Hook to Off-Hook
RD = 39kΩ, 0
oC to 70oC
372/RD
465/RD
558/RD
mA
Off-Hook to On-Hook
RD = 39kΩ, 0
oC to 70oC
325/RD
405/RD
485/RD
mA
Loop Current Hysteresis
RD = 39kΩ, 0
oC to 70oC
25/RD
60/RD
95/RD
mA
GROUND KEY DETECTOR
Tip/Ring Current Difference - Trigger
(Note 29, Figure 11)
8
12
17
mA
Tip/Ring Current Difference - Reset
(Note 29, Figure 11)
3
7
12
mA
Electrical Specifications
TA =0
oCto70oC, V
CC =5V ±5%, VEE = -5V ±5%, VBAT = -28V, AGND = BGND = 0V, RDC1 =RDC2 = 41.2kΩ,
RD = 39kΩ,RSG = ∞,RF1 =RF2 =0Ω,CHP = 10nF, CDC = 1.5µF, ZL = 600Ω, Unless Otherwise Specified. All
pin number references in the figures refer to the 28 lead PLCC package. (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RDC2
41.2k
Ω
RDC1
41.2k
Ω
CDC
1.5
µF
RL
600
Ω
TIP
27
RING
28
RDC
14
RSN
16
RRX
300k
Ω
VRSN = 0V
VRSN = -3V
GRX = ((VTR1- VTR2)(300k))/(-3)(600)
Where: VTR1 is the Tip to Ring Voltage with VRSN = 0V
VTR
and VTR2 is the Tip to Ring Voltage with VRSN = -3V
RT
RRX
IDCMET
600k
Ω
300k
Ω
C
1/
ωC << RL
EG
RL
VTX
600
Ω
VTR
ERX
TIP
27
VTX
19
RING
28
RSN
16
HC5526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com