Electronic Components Datasheet Search
  English  ▼

X  

HC5526IP Datasheet(PDF) 6 Page - Intersil Corporation

Part # HC5526IP
Description  ITU CO/PABX SLIC with Low Power Standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5526IP Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HC5526IP Datasheet HTML 2Page - Intersil Corporation HC5526IP Datasheet HTML 3Page - Intersil Corporation HC5526IP Datasheet HTML 4Page - Intersil Corporation HC5526IP Datasheet HTML 5Page - Intersil Corporation HC5526IP Datasheet HTML 6Page - Intersil Corporation HC5526IP Datasheet HTML 7Page - Intersil Corporation HC5526IP Datasheet HTML 8Page - Intersil Corporation HC5526IP Datasheet HTML 9Page - Intersil Corporation HC5526IP Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
62
Hysteresis
(Note 29, Figure 11)
0
5
9
mA
FIGURE 10. IDLE CHANNEL NOISE
FIGURE 11. GROUND KEY DETECT
RING TRIP DETECTOR (DT, DR)
Offset Voltage
Source Res = 0
-20
-
20
mV
Input Bias Current
Source Res = 0
-500
-
500
nA
Input Common-Mode Range
Source Res = 0
VBAT +1
-
0
V
Input Resistance
Source Res = 0, Balanced
3
-
-
M
Ω
RING RELAY DRIVER
VSAT at 25mA
IOL = 25mA
-
1.0
1.5
V
Off-State Leakage Current
VOH = 12V
-
-
10
µA
DIGITAL INPUTS (E0, E1, C1, C2)
Input Low Voltage, VIL
0
-
0.8
V
Input High Voltage, VIH
2-
VCC
V
Input Low Current, IIL: C1, C2
VIL = 0.4V
-200
-
-
µA
Input Low Current, IIL: E0, E1
VIL = 0.4V
-100
-
-
µA
Input High Current
VIH = 2.4V
-
-
40
µA
DETECTOR OUTPUT (DET)
Output Low Voltage, VOL
IOL = 2mA
-
-
0.45
V
Output High Voltage, VOH
IOH = 100µA
2.7
-
-
V
Internal Pull-Up Resistor
10
15
20
k
Ω
POWER DISSIPATION
Open Circuit State
C1 = C2 = 0
-
-
23
mW
On-Hook, Standby
C1 = C2 = 1
-
-
30
mW
On-Hook, Active
C1 = 0, C2 = 1, RL = High Impedance
-
-
150
mW
Off-Hook, Active
RL = 0Ω
-
-
1.1
W
RL = 300Ω
-
-
0.75
W
RL = 600Ω
-
-
0.5
W
TEMPERATURE GUARD
Thermal Shutdown
150
-
180
oC
Electrical Specifications
TA =0
oCto70oC, V
CC =5V ±5%, VEE = -5V ±5%, VBAT = -28V, AGND = BGND = 0V, RDC1 =RDC2 = 41.2kΩ,
RD = 39kΩ,RSG = ∞,RF1 =RF2 =0Ω,CHP = 10nF, CDC = 1.5µF, ZL = 600Ω, Unless Otherwise Specified. All
pin number references in the figures refer to the 28 lead PLCC package. (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RT
RRX
600k
Ω
300k
Ω
600
Ω
VTR
VTX
RL
TIP
27
VTX
19
RING
28
RSN
16
TIP
27
RSN
16
RING
28
RDC
14
RDC2
41.2k
Ω
RDC1
41.2k
Ω
CDC
1.5
µF
DET
E1 = C1 = 0, C2 = 1
HC5526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com