Electronic Components Datasheet Search
  English  ▼

X  

HC5526IP Datasheet(PDF) 10 Page - Intersil Corporation

Part # HC5526IP
Description  ITU CO/PABX SLIC with Low Power Standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5526IP Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HC5526IP Datasheet HTML 6Page - Intersil Corporation HC5526IP Datasheet HTML 7Page - Intersil Corporation HC5526IP Datasheet HTML 8Page - Intersil Corporation HC5526IP Datasheet HTML 9Page - Intersil Corporation HC5526IP Datasheet HTML 10Page - Intersil Corporation HC5526IP Datasheet HTML 11Page - Intersil Corporation HC5526IP Datasheet HTML 12Page - Intersil Corporation HC5526IP Datasheet HTML 13Page - Intersil Corporation HC5526IP Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
66
Therefore:
Equation 16 can now be used to match the SLIC’s
impedance to any known line impedance (ZTR).
Example:
Calculate ZT to make ZTR = 600Ω in series with 2.16µF.
RF = 20Ω.
ZT = 560kΩ in series with 2.16nF.
(AC) 2-Wire to 4-Wire Gain
The 2-wire to 4-wire gain is equal to VTX/ VTR.
From Equations 9 and 10 with VRX = 0:
(AC) 4-Wire to 2-Wire Gain
The 4-wire to 2-wire gain is equal to VTR/VRX.
From Equations 9, 10 and 11 with EG = 0:
For applications where the 2-wire impedance (ZTR,
Equation 15) is chosen to equal the line impedance (ZL), the
expression for A4-2 simplifies to:
(AC) 4-Wire to 4-Wire Gain
The 4-wire to 4-wire gain is equal to VTX/VRX.
From Equations 9, 10 and 11 with EG = 0:
Transhybrid Circuit
The purpose of the transhybrid circuit is to remove the receive
signal (VRX) from the transmit signal (VTX), thereby preventing
an echo on the transmit side. This is accomplished by using an
external op amp (usually part of the CODEC) and by the
inversion of the signal from the 4-wire receive port (RSN) to the
4-wire transmit port (VTX). Figure 17 shows the transhybrid
circuit. The input signal will be subtracted from the output signal
if I1 equals I2. Node analysis yields the following equation:
The value of ZB is then:
Where VRX/VTX equals 1/ A4-4.
Therefore:
Example:
Given: RTX = 20kΩ, ZRX = 280kΩ, ZT = 562kΩ (standard
value), RF = 20Ω and ZL = 600Ω.
The value of ZB = 18.7kΩ.
VTX
RSN
TIP
RING
IM
ZTR
VTR
EG
VTX
IM
1000
VTX
ZRX
1
HC5526
RF
RF
A = 4
+
-
+
-
+
-
+
-
ZT
+
-
VRX
+
-
A = 250
A = 250
IM
ZL
FIGURE 16. SIMPLIFIED AC TRANSMISSION CIRCUIT
Z
T
1000
Z
TR
2R
F
–
()
•
=
(EQ. 16)
Z
T
1000
600
1
j
ω 2.16
•
10
6
–
•
-----------------------------------------
220
•
–
+


•
=
A
24
–
V
TX
V
TR
-----------
Z
T 1000
⁄
Z
T 1000
⁄
2R
F
+
------------------------------------------
==
(EQ. 17)
A
42
–
V
TR
V
RX
-----------
Z
T
Z
RX
-----------
–
Z
L
Z
T
1000
-------------
2R
F
Z
L
++
--------------------------------------------
•
==
(EQ. 18)
A
42
–
Z
T
Z
RX
-----------
–
1
2
---
•
=
(EQ. 19)
A
44
–
V
TX
V
RX
-----------
Z
T
Z
RX
-----------
–
Z
L
2R
F
+
Z
T
1000
-------------
2R
F
Z
L
++
--------------------------------------------
•
==
(EQ. 20)
V
TX
R
TX
-----------
V
RX
Z
B
-----------
+
0
=
(EQ. 21)
Z
B
R
–
TX
V
RX
V
TX
-----------
•
=
(EQ. 22)
Z
B
R
TX
Z
RX
Z
T
-----------
•
Z
T
1000
-------------
2R
F
Z
L
++
Z
L
2R
F
+
--------------------------------------------
•
=
(EQ. 23)
HC5526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com