Electronic Components Datasheet Search
  English  ▼

X  

HC5526IP Datasheet(PDF) 14 Page - Intersil Corporation

Part # HC5526IP
Description  ITU CO/PABX SLIC with Low Power Standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5526IP Datasheet(HTML) 14 Page - Intersil Corporation

Back Button HC5526IP Datasheet HTML 10Page - Intersil Corporation HC5526IP Datasheet HTML 11Page - Intersil Corporation HC5526IP Datasheet HTML 12Page - Intersil Corporation HC5526IP Datasheet HTML 13Page - Intersil Corporation HC5526IP Datasheet HTML 14Page - Intersil Corporation HC5526IP Datasheet HTML 15Page - Intersil Corporation HC5526IP Datasheet HTML 16Page - Intersil Corporation HC5526IP Datasheet HTML 17Page - Intersil Corporation HC5526IP Datasheet HTML 18Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
70
SLIC Operating States
Power-Up Sequence
The HC5526 has no required power-up sequence. This is a
result of the Dielectrically Isolated (DI) process used in the
fabrication of the part. By using the DI process, care is no
longer required to insure that the substrate be kept at the
most negative potential as with junction isolated ICs.
Printed Circuit Board Layout
Care in the printed circuit board layout is essential for proper
operation. All connections to the RSN pin should be made as
close to the device pin as possible, to limit the interference
that might be injected into the RSN terminal. It is good
practice to surround the RSN pin with a ground plane.
The analog and digital grounds should be tied together at
the device.
Notes
2. Overload Level (Two-Wire port). The overload level is specified
at the 2-wire port (VTR0) with the signal source at the 4-wire
receive port (ERX). IDCMET = 30mA, increase the amplitude of
ERX until 1% THD is measured at VTRO. Reference Figure 1.
3. Longitudinal Impedance. The longitudinal impedance is com-
puted using the following equations, where TIP and RING volt-
ages are referenced to ground. LZT,LZR,VT,VR,AR and AT
are defined in Figure 2.
(TIP) LZT = VT/AT,
(RING) LZR = VR/AR,
where: EL = 1VRMS (0Hz to 100Hz).
4. Longitudinal Current Limit (Off-Hook Active). Off - Hook
(Ac-
tive, C1 =1,C2 = 0) longitudinal current limit is determined by
increasing the amplitude of EL (Figure 3A) until the 2-wire
longitudinal balance drops below 45dB. DET pin remains low
(no false detection).
5. Longitudinal Current Limit (On-Hook Standby). On - Hook
(Active, C1 =1,C2 = 1) longitudinal current limit is determined
by increasing the amplitude of EL (Figure 3B) until the 2-wire
longitudinal balance drops below 45dB. DET pin remains high
(no false detection).
6. Longitudinal to Metallic Balance. The longitudinal to metallic
balance is computed using the following equation:
BLME = 20
• log (EL/VTR), where: EL and VTR are defined in
Figure 4.
7. Metallic to Longitudinal FCC Part 68, Para 68.310. The
metallic to longitudinal balance is defined in this spec.
8. Longitudinal to Four-Wire Balance. The longitudinal to 4-wire
balance is computed using the following equation:
BLFE = 20
• log (EL/VTX),: EL and VTX are defined in Figure 4.
9. Metallic to Longitudinal Balance. The metallic to longitudinal
balance is computed using the following equation:
BMLE = 20
• log (ETR/VL), ERX = 0,
where: ETR,VL and ERX are defined in Figure 5.
10. Four-Wire to Longitudinal Balance. The 4-wire to longitudinal
balance is computed using the following equation:
BFLE = 20
• log (ERX/VL), ETR = source is removed,
where: ERX,VL and ETR are defined in Figure 5.
TABLE 1. LOGIC TRUTH TABLE
E0
E1
C1
C2
SLIC OPERATING STATE
ACTIVE DETECTOR
DET OUTPUT
0000
Open Circuit
No Active Detector
Logic Level High
0001
Active
Ground Key Detector
Ground Key Status
0010
Ringing
No Active Detector
Logic Level High
0011
Standby
Ground Key Detector
Ground Key Status
0100
Open Circuit
No Active Detector
Logic Level High
0101
Active
Loop Current Detector
Loop Current Status
0110
Ringing
Ring Trip Detector
Ring Trip Status
0111
Standby
Loop Current Detector
Loop Current Status
1000
Open Circuit
No Active Detector
Logic Level High
1001
Active
Ground Key Detector
1010
Ringing
No Active Detector
1011
Standby
Ground Key Detector
1100
Open Circuit
No Active Detector
1101
Active
Loop Current Detector
1110
Ringing
Ring Trip Detector
1111
Standby
Loop Current Detector
HC5526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com