Electronic Components Datasheet Search
  English  ▼

X  

HC55151CM Datasheet(PDF) 32 Page - Intersil Corporation

Part # HC55151CM
Description  Low Power Universal SLIC Family
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55151CM Datasheet(HTML) 32 Page - Intersil Corporation

Back Button HC55151CM Datasheet HTML 27Page - Intersil Corporation HC55151CM Datasheet HTML 28Page - Intersil Corporation HC55151CM Datasheet HTML 29Page - Intersil Corporation HC55151CM Datasheet HTML 30Page - Intersil Corporation HC55151CM Datasheet HTML 31Page - Intersil Corporation HC55151CM Datasheet HTML 32Page - Intersil Corporation HC55151CM Datasheet HTML 33Page - Intersil Corporation HC55151CM Datasheet HTML 34Page - Intersil Corporation HC55151CM Datasheet HTML 35Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
4-32
Basic Application Circuit
Pulse Metering 28 Lead PLCC Package
FIGURE 28. UniSLIC14 PULSE METERING BASIC APPLICATION CIRCUIT
VTX
VRX
ZT
RSYNC_REV
ILIM
ROH
RD
SHD
GKD_LVM
C1
C2
C3
VCC
RRLY
CH
VBH
VBL
RDC_RAC
CDC
DR
DT
CRT_REV_LVM
C1
+5V
RELAY
C2
C3
RP
RING
TIP
RP
R2
R3
VBAT
RING
CONTROL LOGIC
R4
R6
R7
R8
R5
†R9
†R10
R11
CODEC/FILTER
C4
R12
U1
2
3
8
9
11
12
13
14
20
1
4
15
16
17
18
19
21
22
23
24
26
28
PTG
AGND
SPM
12/16kHz
PULSE METERING
INPUT SIGNAL
GENERATOR
R1
10
C7
+5V
-24V
C5
-48V
C6
25
27
TIP
RING
BGND
U2
5
6
7
C8
C9
+5V OR
+12V
D1
OPTIONAL
††C10
††C11
† PERFORM TRANSHYBRID BALANCE
WHEN USING A NON-DSP CODEC.
†† NOT REQUIRED FOR
NON-DSP CODEC’s.
NOT REQUIRED FOR DSP CODEC.
REQUIRED FOR DSP CODEC’s
TABLE 3. BASIC APPLICATION CIRCUIT COMPONENT LIST
COMPONENT
VALUE
TOLERANCE
RATING
U1 - SLIC
UniSLIC14 Family
N/A
N/A
U2 - Dual Asymmetrical Transient Voltage Suppressor
TISP1072F3
N/A
N/A
RP (Line Feed Resistors)
30
Ω
Matched 1%
2.0W
R1 (RDC_RAC Resistor)
26.1k
Ω
1%
1/16W
R2, R3
2M
Ω
1%
1/16W
R4 (RD Resistor)
41.2k
Ω
1%
1/16W
R5 (ROH Resistor)
38.3k
Ω
1%
1/16W
R6 (RILIM Resistor)
33.2k
Ω
1%
1/16W
R7 (RSYNC_REV Resistor)
34.8k
Ω
1%
1/16W
R8 (RZT Resistor)
107k
Ω
1%
1/16W
R9, R10, R11
20k
Ω
1%
1/16W
R12
400
Ω
5%
2W
C1 (Supply Decoupling), C2
0.1
µF
20%
10V
C5 (Supply Decoupling)
0.1
µF
20%
50V
C6 (Supply Decoupling)
0.1
µF
20%
100V
C4, C7, C10, C11
0.47
µF
20%
10V
C3
4.7
µF
20%
50V
C8, C9
2200pF
20%
100V
D1, Recommended if the VBL supply is not derived from the VBH Supply
1N4004
-
-
Design Parameters: Maximum on hook voltage = 0.775VRMS, Maximum off hook voice = 1.1VPEAK, Maximum simultaneous pulse metering
signal = 2.2VRMS, Switch Hook Threshold = 12mA, Loop Current Limit = 31mA, Synthesize Device Impedance = 540Ω (600 - 60), with 30Ω
protection resistors, impedance across Tip and Ring terminals = 600
Ω. Where applicable, these component values apply to the Basic Application
Circuits for the HC55120, HC55121, HC55130/1, HC55140/1, HC55142/3 and HC55150/1. Pins not shown in the Basic Application Circuit are
no connect (NC) pins.
HC55120, HC55121, HC55130, HC55131, HC55140, HC55141, HC55142, HC55143, HC55150, HC55151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com