Electronic Components Datasheet Search
  English  ▼

X  

HC55151CM Datasheet(PDF) 12 Page - Intersil Corporation

Part # HC55151CM
Description  Low Power Universal SLIC Family
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55151CM Datasheet(HTML) 12 Page - Intersil Corporation

Back Button HC55151CM Datasheet HTML 8Page - Intersil Corporation HC55151CM Datasheet HTML 9Page - Intersil Corporation HC55151CM Datasheet HTML 10Page - Intersil Corporation HC55151CM Datasheet HTML 11Page - Intersil Corporation HC55151CM Datasheet HTML 12Page - Intersil Corporation HC55151CM Datasheet HTML 13Page - Intersil Corporation HC55151CM Datasheet HTML 14Page - Intersil Corporation HC55151CM Datasheet HTML 15Page - Intersil Corporation HC55151CM Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
4-12
Notes
2. Overload Level (Two-Wire Port, Off Hook) - The overload
level is specified at the 2-wire port (VTR) with the signal source at
the 4-wire receive port (ERX). RL = 600Ω, IDCMET ≥ 18mA.
Increase the amplitude of ERX until 1% THD is measured at VTR.
Reference Figure 1.
3. Overload Level (Two-Wire Port, On Hook) - The overload
level is specified at the 2-wire port (VTR) with the signal source at
the 4-wire receive port (ERX). RL = ∞, IDCMET = 0mA. Increase
the amplitude of ERX until 1% THD is measured at VTR.
Reference Figure 1.
4. Longitudinal Impedance - The longitudinal impedance is
computed using the following equations, where TIP and RING
voltages are referenced to ground. LZT,LZR,VT,VR,AR and AT
are defined in Figure 2.
(TIP) LZT = VT/AT
(RING) LZR = VR/AR
where: EL = 1VRMS (0Hz to 100Hz)
5. Longitudinal Current Limit (On-Hook Active) - On-Hook
longitudinal current limit is determined by increasing the (60Hz)
amplitude of EL (Figure 3A) until the 2-wire longitudinal current
is greater than 28mARMS/Wire. Under this condition, SHD pin
remains low (no false detection) and the 2-wire to 4-wire
longitudinal balance is verified to be greater than 45dB
(LB2-4 = 20log VTX/EL).
6. Longitudinal Current Limit (Off-Hook Active) - Off-Hook
longitudinal current limit is determined by increasing the (60Hz)
amplitude of EL (Figure 3B) until the 2-wire longitudinal current
is greater than 28mARMS/Wire. Under this condition, SHD pin
remains high (no false detection) and the 2-wire to 4-wire
longitudinal balance is verified to be greater than 45dB
(LB2-4 = 20log VTX/EL).
7. Longitudinal to Metallic Balance - The longitudinal to
metallic balance is computed using the following equation:
BLME = 20 log (EL/VTR), where: EL and VTR are defined in
Figure 4.
8. Metallic to Longitudinal FCC Part 68, Para 68.310 - The
metallic to longitudinal balance is defined in this spec.
9. Longitudinal to Four-Wire Balance - The longitudinal to 4-wire
balance is computed using the following equation:
BLFE = 20 log (EL/VTX), EL and VTX are defined in Figure 4.
10. Metallic to Longitudinal Balance - The metallic to longitudinal
balance is computed using the following equation:
BMLE = 20 log (ETR/VL), ERX = 0
where: ETR, VL and ERX are defined in Figure 5.
11. Four-Wire to Longitudinal Balance - The 4-wire to longitudinal
balance is computed using the following equation:
BFLE = 20 log (ERX/VL), ETR = source is removed.
where: ERX, VL and ETR are defined in Figure 5.
12. Two-Wire Return Loss - The 2-wire return loss is computed
using the following equation:
r = -20 log (2VM/VS) where: ZD = The desired impedance; e.g.,
the characteristic impedance of the line, nominally 600
Ω.
(Reference Figure 6).
13. Overload Level (4-Wire Port Off-Hook) - The overload level
is specified at the 4-wire transmit port (VTX) with the signal
source (EG) at the 2-wire port, ZL = 20kΩ, RL = 600Ω
(Reference Figure 7). Increase the amplitude of EG until 1%
THD is measured at VTX. Note the PTG pin is open, and the
gain from the 2-wire port to the 4-wire port is equal to 1.
14. Overload Level (4-Wire Port On-Hook) - The overload level is
specified at the 4-wire transmit port (VTX) with the signal source
(EG) at the 2-wire port, ZL = 20kΩ, RL = ∞ (Reference Figure 7).
Increase the amplitude of EG until 1% THD is measured at VTX.
Note the PTG pin is open, and the gain from the 2-wire port to
the 4-wire port is equal to 1.
15. Output Offset Voltage - The output offset voltage is specified
with the following conditions: EG =0,RL = 600Ω,ZL = ∞ and is
measured at VTX. EG,RL, VTX and ZL are defined in Figure 7.
16. Two-Wire to Four-Wire Frequency Response - The 2-wire to
4-wire frequency response is measured with respect to
EG = 0dBm at 1.0kHz, ERX = 0V (VRX input floating), RL = 600Ω.
The frequency response is computed using the following equation:
F2-4 = 20 log (VTX/VTR), vary frequency from 300Hz to 3.4kHz
and compare to 1kHz reading.
VTX, VTR,RL and EG are defined in Figure 8.
17. Four-Wire to Two-Wire Frequency Response - The 4-wire to 2-
wire frequency response is measured with respect to ERX = 0dBm
at 1.0kHz, EG source removed from circuit, RL = 600Ω. The
frequency response is computed using the following equation:
F4-2 = 20 log (VTR/ERX), vary frequency from 300Hz to 3.4kHz
and compare to 1kHz reading.
VTR,RL and ERX are defined in Figure 8.
18. Four-Wire to Four-Wire Frequency Response - The 4-wire
to 4-wire frequency response is measured with respect to
ERX = 0dBm at 1.0kHz, EG source removed from circuit,
RL = 600Ω. The frequency response is computed using the
following equation:
F4-4 = 20 log (VTX/ERX), vary frequency from 300Hz to 3.4kHz
and compare to 1kHz reading.
VTX , RL and ERX are defined in Figure 8.
19. Two-Wire to Four-Wire Insertion Loss (PTG = Open) - The
2-wire to 4-wire insertion loss is measured with respect to
EG = 0dBm at 1.0kHz input signal, ERX = 0 (VRX input floating),
RL = 600Ω and is computed using the following equation:
L2-4 = 20 log (VTX/VTR)
where: VTX, VTR,RL and EG are defined in Figure 8. (Note:
The fuse resistors, RF, impact the insertion loss. The specified
insertion loss is for RF1 = RF2 = 0).
20. Two-Wire to Four-Wire Insertion Loss (PTG = AGND) - The
2-wire to 4-wire insertion loss is measured with respect to EG =
0dBm at 1.0kHz input signal, ERX = 0 (VRX input floating), RL =
600
Ω and is computed using the following equation:
L2-4 = 20 log (VTX/VTR)
where: VTX, VTR,RL and EG are defined in Figure 8. (Note:
The fuse resistors, RF, impact the insertion loss. The specified
insertion loss is for RF1 = RF2 = 0).
21. Four-Wire to Two-Wire Insertion Loss - The 4-wire to 2-wire
insertion loss is measured based upon ERX = 0dBm, 1.0kHz
input signal, EG source removed from circuit, RL = 600Ω and is
computed using the following equation:
L4-2 = 20 log (VTR/ERX)
where: VTR,RL and ERX are defined in Figure 8.
22. Two-Wire to Four-Wire Gain Tracking - The 2-wire to 4-wire
gain tracking is referenced to measurements taken for
EG = -10dBm, 1.0kHz signal, ERX = 0 (VRX output floating),
RL = 600Ω and is computed using the following equation.
G2-4 =20 • log (VTX/VTR) vary amplitude -40dBm to +3dBm, or
-55dBm to -40dBm and compare to -10dBm reading.
VTX,RL and VTR are defined in Figure 8.
HC55120, HC55121, HC55130, HC55131, HC55140, HC55141, HC55142, HC55143, HC55150, HC55151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com