Electronic Components Datasheet Search
  English  ▼

X  

HC55151CM Datasheet(PDF) 14 Page - Intersil Corporation

Part # HC55151CM
Description  Low Power Universal SLIC Family
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55151CM Datasheet(HTML) 14 Page - Intersil Corporation

Back Button HC55151CM Datasheet HTML 10Page - Intersil Corporation HC55151CM Datasheet HTML 11Page - Intersil Corporation HC55151CM Datasheet HTML 12Page - Intersil Corporation HC55151CM Datasheet HTML 13Page - Intersil Corporation HC55151CM Datasheet HTML 14Page - Intersil Corporation HC55151CM Datasheet HTML 15Page - Intersil Corporation HC55151CM Datasheet HTML 16Page - Intersil Corporation HC55151CM Datasheet HTML 17Page - Intersil Corporation HC55151CM Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
4-14
On Hook Overhead Voltage
The on hook overhead voltage
at the load (VOH(on) at Load)
is independent of the VBH
battery voltage. Once set, the
on hook voltage remains
constant as the VBH battery
voltage changes. The on hook
voltage also remains constant
over temperature and line
leakages up to 0.6 times the
Switch Hook Detect threshold (ISHD). The maximum loop
current for a constant on hook overhead voltage is defined
as ISH-.
The on hook overhead voltage, required for a given signal
level at the load, must take into account the AC voltage drop
across the 2 external protection resistors (RP) and the 2
internal sense resistors (RS) as shown in Figure 16. The AC
on hook overload voltage is calculated using Equation 1.
where
VOH(on) at Load = On hook overhead voltage at load
Vsp(on) = Required on hook transmission for speech
RP = Protection Resistors (Typically 30Ω)
RS = Internal Sense Resistors (40Ω)
ZL = AC load impedance for (600Ω)
1.5V = Additional on hook overhead voltage requirement
To account for any process and temperature variations in the
performance of the SLIC, 1.5V is added to the overhead
voltage requirement for the on hook case in Equation 1 and
2.0V for the off hook case in Equation 3. Note the 2.5V
overhead is automatically generated in the SLIC and is not
part of the external overhead programming.
Off Hook Overhead Voltage
The off hook overhead
voltage VOH(off) at Load is
also independent of the VBH
battery voltage and remains
constant over temperature.
The required off hook
overhead voltage is the sum
of the AC and DC voltage
drops across the internal
sense resistors (RS), the
†Internal overhead voltage automatically generated by the SLIC.
FIGURE 15. UniSLIC14 DC FEED CURVE
VBH
2.5V
†
VOH(off) AT LOAD
ISH-
ILOOP(min)
ILOOP(max)
60k
Ω SLOPE
RLOOP(max)
SLIC SELF PROGRAMMING
LOOP CURRENT (mA)
IOH
CONSTANT
CURRENT
REGION
RSAT
VOH(on) AT LOAD
ISHD
VBH
VOH(on)
2.5V
ON HOOK
ISH-
LOOP CURRENT
DC FEED CURVE
OVERHEAD
ISH- = ISHD(0.6)
ISHD
(EQ. 1)
V
OH on
() at Load
V
sp on
()
1
2R
P
2R
S
+
Z
L
------------------------------
+



×
1.5V
+
=
FIGURE 16. OVERHEAD VOLTAGE OF THE TIP AND RING
AMPLIFIERS
TIP AND RING
INTERNAL SENSE
EXTERNAL PROTECTION
RESISTOR
2RP
2RS
AMPLIFIERS
OVERHEAD VOLTAGE
RESISTORS
Where:
ZL
REQUIRED
VOH (ON, OFF)
VZL is the required on hook or offhook
transmission delivered to the load.
(LOAD)
UniSLIC14
VZL
V
OH ON OFF
,
()
2R
P
2R
S
+
Z
L
------------------------------



V
ZL
=
VBH
VSAT
VOH(off)
2.5V
OFF HOOK
LOOP CURRENT
ILOOP(min)
DC FEED CURVE
OVER HEAD
HC55120, HC55121, HC55130, HC55131, HC55140, HC55141, HC55142, HC55143, HC55150, HC55151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com