Electronic Components Datasheet Search
  English  ▼

X  

HC55151CM Datasheet(PDF) 30 Page - Intersil Corporation

Part # HC55151CM
Description  Low Power Universal SLIC Family
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55151CM Datasheet(HTML) 30 Page - Intersil Corporation

Back Button HC55151CM Datasheet HTML 26Page - Intersil Corporation HC55151CM Datasheet HTML 27Page - Intersil Corporation HC55151CM Datasheet HTML 28Page - Intersil Corporation HC55151CM Datasheet HTML 29Page - Intersil Corporation HC55151CM Datasheet HTML 30Page - Intersil Corporation HC55151CM Datasheet HTML 31Page - Intersil Corporation HC55151CM Datasheet HTML 32Page - Intersil Corporation HC55151CM Datasheet HTML 33Page - Intersil Corporation HC55151CM Datasheet HTML 34Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
4-30
-
16
-
C4
Activates Test Relay TRLY1.
15
17
16
C3
TTL Compatible Logic Input. The logic states of C1, C2 and C3 determine the operating states of the
SLIC. Reference Table 1 for details.
16
18
17
C2
TTL Compatible Logic Input. The logic states of C1, C2 and C3 determine the operating states of the
SLIC. Reference Table 1 for details.
17
19
18
C1
TTL Compatible Logic Input. The logic states of C1, C2 and C3 determine the operating states of the
SLIC. Reference Table 1 for details.
18
20
19
SHD
Switch Hook Detect - Active during off hook, ground key and loopback. Reference Table 1 for details.
19
21
15
GKD_LVM
Ground Key Detector and Line Voltage Measurement - Reference Table 1 for details.
20
22
20
VCC
5V Supply.
21
23
21
RD
Loop Current Threshold Programming Pin - A resistor between this pin and ground will determine the
trigger level for the loop current detect circuit. See Equation 7.
22
24
22
ROH
Off Hook Overload Setting Resistor - Used to set combined overhead for voice and pulse metering
signals. See Equation 10.
23
25
23
ILIM
Current Limit Programming Pin - A resistor between this pin and ground will determine the constant
current limit of the feed curve. See Equation 11.
24
26
24
RSYNC_REV
Ring Synchronization Input and Reversal Time Setting. A resistor between this pin and GND
determines the polarity reversal time. Synchronization of the closing of the relay at zero voltage is
achieved via a ring sync pulse (5V to 0V) synchronized to the ring signal zero voltage crossing
(Reference Figure 18).
25
27
28
AGND
Analog ground
26
28
25
VRX
Receive Input - Ground referenced 4-wire side.
27
29
26
SPM
Pulse Metering Signal Input. If pulse metering is not used, then this pin should be grounded as close
to the device pin as possible.
28
30
27
VTX
Transmit Output - Ground referenced 4-wire side.
-
31
-
TRLY2
Test Relay Driver 2.
-
32
-
TRLY1
Test Relay Driver 1.
Pin Descriptions (Continued)
28
PIN
PLCC
32
PIN
PLCC
28
PIN
SOIC
SYMBOL
DESCRIPTION
HC55120, HC55121, HC55130, HC55131, HC55140, HC55141, HC55142, HC55143, HC55150, HC55151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com