Electronic Components Datasheet Search
  English  ▼

X  

HC55151CM Datasheet(PDF) 16 Page - Intersil Corporation

Part # HC55151CM
Description  Low Power Universal SLIC Family
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55151CM Datasheet(HTML) 16 Page - Intersil Corporation

Back Button HC55151CM Datasheet HTML 12Page - Intersil Corporation HC55151CM Datasheet HTML 13Page - Intersil Corporation HC55151CM Datasheet HTML 14Page - Intersil Corporation HC55151CM Datasheet HTML 15Page - Intersil Corporation HC55151CM Datasheet HTML 16Page - Intersil Corporation HC55151CM Datasheet HTML 17Page - Intersil Corporation HC55151CM Datasheet HTML 18Page - Intersil Corporation HC55151CM Datasheet HTML 19Page - Intersil Corporation HC55151CM Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
4-16
The ROH resistor, which
is used to set the offhook
overhead voltage, is
calculated using
Equations 9 and 10.
IOH is defined as the
difference between the
ILOOP(min) and ISH-.
Substituting Equation 8
for ISH- into Equation 9 and solving for ROH defines ROH in
terms of ILOOP(min) and RD.
Equation 10 can be used to determine the actual ISH- value
resulting from the RD resistor selected. The value of RD
should be the next standard value that is lower than that
calculated. This will insure meeting the ILOOP(min)
requirement. ROH for the above example equals 39.1k
Ω.
The current limit is set by a single resistor and is calculated
using Equation 11.
The maximum loop
resistance is calculated
using Equation 12. The
resistance of the
protection resistors
(2RP) is subtracted out
to obtain the maximum
loop length to meet the
required off hook
overhead voltage. If RLOOP(MAX) meets the loop length
requirements you are done. If the loop length needs to be
longer, then consider adjusting one of the following: 1) the
SHD threshold, 2) minimum loop current requirement or 3)
the on and off hook signal levels.
SLIC in the Active Mode
Figure 17 shows a simplified AC transmission model. Circuit
analysis yields the following design equations:
Substitute Equation 14 into Equation 15
Substitute Equation 16 into Equation 17
Substitute Equation 18 into Equation 19
Substituting -VTR/ZL into Equation 20 for IM and rearranging
to solve for VTR results in Equation 21
where:
VRX = The input voltage at the VRX pin.
VA = An internal node voltage that is a function of the loop
current detector and the impedance matching networks.
IX = Internal current in the SLIC that is the difference
between the input receive current and the feedback current.
IM = The AC metallic current.
RP = A protection resistor (typical 30Ω).
ZT = An external resistor/network for matching the line
impedance.
VTX´= The tip to ring voltage at the output pins of the SLIC.
VTR = The tip to ring voltage including the voltage across the
protection resistors.
ZL = The line impedance.
ZTR = The input impedance of the SLIC including the
protection resistors.
(AC) 4-Wire to 2-Wire Gain
The 4-wire to 2-wire gain is equal to VTR/VRX.
From Equation 21 and the relationship ZT = 200(ZTR-2RP).
Notice that the phase of the 4-wire to 2-wire signal is 180o
out of phase with the input signal.
VBH
VSAT
VOH(off)
2.5V
OFF HOOK
LOOP CURRENT
ILOOP(min)
DC FEED CURVE
ISH-
IOH
OVER HEAD
R
OH
500
I
OH
----------
500
I
LOOP(min)- ISH-
--------------------------------------------
==
(EQ. 9)
R
OH =
R
D500
R
DILOOP(min)
- 500(.6)
------------------------------------------------------------
(EQ. 10)
R
LIM =
1000
I
LOOP(max)
-----------------------------
(EQ. 11)
VBH
VSAT
VOH(off)
2.5V
LOOP CURRENT
ILOOP(min)
DC FEED CURVE
RLOOP(MAX)
R
LOOP(max) =
V
BH
V
SAT
2V
V
OH off
()
++
[]
–
I
LOOP(min)
-------------------------------------------------------------------------------
-2R
P
(EQ. 12)
V
A = IM
2R
S
1
80k
----------
200
×
Z
TR
2R
P
–
()
×
5
×
×
(EQ. 13)
V
A
I
M
2
-------
Z
TR
2R
P
–
()
=
(EQ. 14)
V
RX
500k
-------------
-
V
A
500k
-------------
=I
X
Node Equation
(EQ. 15)
I
X
V
RX
500k
-------------
-
I
M ZTR
2R
P
–
()
1000k
-----------------------------------------
=
(EQ. 16)
I
X500k - VTX′ +IX500k = 0
Loop Equation
(EQ. 17)
V
TX′
2V
RX
I
M ZTR
2R
P
–
()
–
=
(EQ. 18)
V
TR-IM2RP +VTX′ = 0
Loop Equation
(EQ. 19)
V
TR
I
MZTR
2V
RX
–
=
(EQ. 20)
V
TR 1
Z
TR
Z
L
-----------
+



2
– V
RX
=
(EQ. 21)
G
4-2 =
V
TR
V
RX
-----------
=-2
Z
L
Z
L +ZTR
-------------------------
2
Z
L
Z
L
Z
T
200
----------
2R
P
+


+
----------------------------------------------
–
=
(EQ. 22)
HC55120, HC55121, HC55130, HC55131, HC55140, HC55141, HC55142, HC55143, HC55150, HC55151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com