Electronic Components Datasheet Search
  English  ▼

X  

AD9834 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9834
Description  20 mW Power, 2.3 V to 5.5 V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9834 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9834 Datasheet HTML 7Page - Analog Devices AD9834 Datasheet HTML 8Page - Analog Devices AD9834 Datasheet HTML 9Page - Analog Devices AD9834 Datasheet HTML 10Page - Analog Devices AD9834 Datasheet HTML 11Page - Analog Devices AD9834 Datasheet HTML 12Page - Analog Devices AD9834 Datasheet HTML 13Page - Analog Devices AD9834 Datasheet HTML 14Page - Analog Devices AD9834 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD9834
500
1000
700
650
600
550
850
750
800
900
950
5.5V
2.3V
TEMPERATURE (°C)
–40
25
105
Figure 13. Wake-Up Time vs. Temperature
1.150
1.125
1.100
1.175
1.200
1.250
1.225
TEMPERATURE (°C)
LOWER RANGE
UPPER RANGE
–40
25
105
Figure 14. VREFOUT vs. Temperature
FREQUENCY (Hz)
–150
–110
–100
–120
–130
–140
–160
AVDD = DVDD = 5V
TA = 25°C
100
1k
10k
100k 200k
Figure 15. Output Phase Noise, fOUT = 2 MHz, MCLK = 50 MHz
0.20
0
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
DVDD = 3.3V
DVDD = 5.5V
DVDD = 2.3V
Figure 16. SIGN BIT OUT Low Level, ISINK = 1 mA
5.5
1.5
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
DVDD = 2.3V
DVDD = 2.7V
DVDD = 3.3V
DVDD = 4.5V
DVDD = 5.5V
Figure 17. SIGN BIT OUT High Level, ISINK = 1 mA
FREQUENCY (Hz)
0
–20
–50
–90
–100
–80
–70
–60
–40
–30
–10
RWB 100
ST 100 SEC
VWB 30
0
100k
Figure 18. fMCLK = 10 MHz; fOUT = 2.4 kHz, Frequency Word = 000FBA9
Rev. D | Page 11 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com