Electronic Components Datasheet Search
  English  ▼

X  

AD9834 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9834
Description  20 mW Power, 2.3 V to 5.5 V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9834 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9834 Datasheet HTML 8Page - Analog Devices AD9834 Datasheet HTML 9Page - Analog Devices AD9834 Datasheet HTML 10Page - Analog Devices AD9834 Datasheet HTML 11Page - Analog Devices AD9834 Datasheet HTML 12Page - Analog Devices AD9834 Datasheet HTML 13Page - Analog Devices AD9834 Datasheet HTML 14Page - Analog Devices AD9834 Datasheet HTML 15Page - Analog Devices AD9834 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD9834
Data Sheet
FREQUENCY (Hz)
0
–20
–50
–90
–100
–80
–70
–60
–40
–30
–10
0
5M
RWB 1k
ST 50 SEC
VWB 300
Figure 19. fMCLK = 10 MHz; fOUT = 1.43 MHz = fMCLK/7,
Frequency Word = 2492492
FREQUENCY (Hz)
0
–20
–50
–90
–100
–80
–70
–60
–40
–30
–10
0
5M
RWB 1k
ST 50 SEC
VWB 300
Figure 20. fMCLK = 10 MHz; fOUT = 3.33 MHz = fMCLK/3,
Frequency Word = 5555555
FREQUENCY (Hz)
0
–20
–50
–90
–100
–80
–70
–60
–40
–30
–10
0
160k
RWB 100
ST 200 SEC
VWB 30
Figure 21. fMCLK = 50 MHz; fOUT = 12 kHz, Frequency Word = 000FBA9
FREQUENCY (Hz)
0
–20
–50
–90
–100
–80
–70
–60
–40
–30
–10
0
1.6M
RWB 100
ST 200 SEC
VWB 300
Figure 22. fMCLK = 50 MHz; fOUT = 120 kHz, Frequency Word = 009D496
FREQUENCY (Hz)
0
–20
–50
–90
–100
–80
–70
–60
–40
–30
–10
0
25M
RWB 1k
ST 200 SEC
VWB 300
Figure 23. fMCLK = 50 MHz; fOUT = 1.2 MHz, Frequency Word = 0624DD3
FREQUENCY (Hz)
0
–20
–50
–90
–100
–80
–70
–60
–40
–30
–10
0
25M
RWB 1k
ST 200 SEC
VWB 300
Figure 24. fMCLK = 50 MHz; fOUT = 4.8 MHz, Frequency Word = 189374C
Rev. D | Page 12 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com