Electronic Components Datasheet Search
  English  ▼

X  

AD9834 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9834
Description  20 mW Power, 2.3 V to 5.5 V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9834 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9834 Datasheet HTML 20Page - Analog Devices AD9834 Datasheet HTML 21Page - Analog Devices AD9834 Datasheet HTML 22Page - Analog Devices AD9834 Datasheet HTML 23Page - Analog Devices AD9834 Datasheet HTML 24Page - Analog Devices AD9834 Datasheet HTML 25Page - Analog Devices AD9834 Datasheet HTML 26Page - Analog Devices AD9834 Datasheet HTML 27Page - Analog Devices AD9834 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD9834
Data Sheet
INITIALIZATION
APPLY RESET
USING PIN
SET RESET PIN = 1
USING PIN
USING CONTROL
BIT
(CONTROL REGISTER WRITE)
RESET = 1
PIN/SW = 0
(CONTROL REGISTER WRITE)
PIN/SW = 1
USING CONTROL
BIT
SET RESET = 0
SELECT FREQUENCY REGISTERS
SELECT PHASE REGISTERS
(CONTROL REGISTER WRITE)
RESET BIT = 0
FSEL = SELECTED FREQUENCY REGISTER
PSEL = SELECTED PHASE REGISTER
PIN/SW = 0
(APPLY SIGNALS AT PINS)
RESET PIN = 0
FSELECT = SELECTED FREQUENCY REGISTER
PSELECT = SELECTED PHASE REGISTER
WRITE TO FREQUENCY AND PHASE REGISTERS
FREQ0 REG = fOUT0/fMCLK × 228
FREQ1 REG = fOUT1/fMCLK × 228
PHASE0 AND PHASE1 REG = (PHASESHIFT × 212
)/2π
(SEE FIGURE 33)
Figure 32. Initialization
NO
YES
DATA WRITE
NO
YES
YES
NO
YES
NO
NO
YES
YES
WRITE A FULL 28-BIT WORD
TO A FREQUENCY REGISTER?
(CONTROL REGISTER WRITE)
B28 (D13) = 1
WRITE TWO CONSECUTIVE
16-BIT WORDS
(SEE TABLE 11 FOR EXAMPLE)
WRITE ANOTHER FULL
28-BIT TO A
FREQUENCY REGISTER?
WRITE 14 MSBs OR LSBs
TO A FREQUENCY REGISTER?
(CONTROL REGISTER WRITE)
B28 (D13) = 0
HLB (D12) = 0/1
WRITE A 16-BIT WORD
(SEE TABLES 12 AND 13
FOR EXAMPLES)
WRITE 14 MSBs OR LSBs
TO A
FREQUENCY REGISTER?
WRITE TO PHASE
REGISTER?
D15, D14 = 11
D13 = 0/1 (CHOOSE THE
PHASE REGISTER)
D12 = X
D11 ... D0 = PHASE DATA
(16-BIT WRITE)
WRITE TO ANOTHER
PHASE REGISTER?
Figure 33. Data Write
Rev. D | Page 24 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com