Electronic Components Datasheet Search
  English  ▼

X  

AD9834 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9834
Description  20 mW Power, 2.3 V to 5.5 V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9834 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9834 Datasheet HTML 24Page - Analog Devices AD9834 Datasheet HTML 25Page - Analog Devices AD9834 Datasheet HTML 26Page - Analog Devices AD9834 Datasheet HTML 27Page - Analog Devices AD9834 Datasheet HTML 28Page - Analog Devices AD9834 Datasheet HTML 29Page - Analog Devices AD9834 Datasheet HTML 30Page - Analog Devices AD9834 Datasheet HTML 31Page - Analog Devices AD9834 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD9834
Data Sheet
AD9834 TO 80C51/80L51 INTERFACE
Figure 37 shows the serial interface between the AD9834 and
the 80C51/80L51 microcontroller. The microcontroller is
operated in Mode 0 so that TXD of the 80C51/80L51 drives SCLK
of the AD9834, and RXD drives the serial data line (SDATA). The
FSYNC signal is derived from a bit programmable pin on the port
(P3.3 is shown in the diagram). When data is to be transmitted to
the AD9834, P3.3 is taken low. The 80C51/80L51 transmits data
in 8-bit bytes, thus only eight falling SCLK edges occur in each
cycle. To load the remaining eight bits to the AD9834, P3.3 is
held low after the first eight bits have been transmitted, and a
second write operation is initiated to transmit the second byte of
data. P3.3 is taken high following the completion of the second
write operation. SCLK should idle high between the two write
operations. The 80C51/80L51 outputs the serial data in an LSB-
first format. The AD9834 accepts the MSB first (the four MSBs
being the control information, the next four bits being the
address, and the eight LSBs containing the data when writing
to a destination register). Therefore, the transmit routine of the
80C51/80L51 must take this into account and rearrange the bits
so that the MSB is output first.
1ADDITIONAL PINS OMITTED FOR CLARITY.
AD98341
FSYNC
SDATA
SCLK
80C51/80L511
P3.3
RXD
TXD
Figure 37. 80C51/80L51 to AD9834 Interface
AD9834 TO DSP56002 INTERFACE
Figure 38 shows the interface between the AD9834 and the
DSP56002. The DSP56002 is configured for normal mode
asynchronous operation with a gated internal clock (SYN = 0,
GCK = 1, SCKD = 1). The frame sync pin is generated internally
(SC2 = 1), the transfers are 16 bits wide (WL1 = 1, WL0 = 0), and
the frame sync signal frames the 16 bits (FSL = 0). The frame sync
signal is available on Pin SC2, but needs to be inverted before
being applied to the AD9834. The interface to the DSP56000/
DSP56001 is similar to that of the DSP56002.
1ADDITIONAL PINS OMITTED FOR CLARITY.
AD98341
FSYNC
SDATA
SCLK
DSP560021
SC2
STD
SCK
Figure 38. DSP56002 to AD9834 Interface
Rev. D | Page 28 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com