Electronic Components Datasheet Search
  English  ▼

X  

AD14060L Datasheet(PDF) 39 Page - Analog Devices

Part # AD14060L
Description  DSP Multiprocessor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD14060L Datasheet(HTML) 39 Page - Analog Devices

Back Button AD14060L Datasheet HTML 35Page - Analog Devices AD14060L Datasheet HTML 36Page - Analog Devices AD14060L Datasheet HTML 37Page - Analog Devices AD14060L Datasheet HTML 38Page - Analog Devices AD14060L Datasheet HTML 39Page - Analog Devices AD14060L Datasheet HTML 40Page - Analog Devices AD14060L Datasheet HTML 41Page - Analog Devices AD14060L Datasheet HTML 42Page - Analog Devices AD14060L Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
AD14060/AD14060L
Rev. B | Page 39 of 48
Multiprocessor EPROM Booting
The following methods boot the multiprocessor system from an
EPROM:
• SHARC_A is booted, which then boots the others.
The EBOOT pin on the SHARC_A must be set high for
EPROM booting. All other ADSP-21060s should be
configured for host booting (EBOOT = 0, LBOOT = 0, and
BMS = 1), which leaves them in the idle state at startup and
allows SHARC_A to become bus master and boot itself.
Only the BMS pin of SHARC_A is connected to the chip
select of the EPROM. When SHARC_A has finished
booting, it can boot the remaining ADSP-21060s by writing
to their external port DMA Buffer 0 (EPB0) via multiproc-
essor memory space.
• All ADSP-21060s boot in turn from a single EPROM.
The BMS signals from each ADSP-21060 can be wire-OR’ed
together to drive the chip select pin of the EPROM. Each
ADSP-21060 can boot in turn, according to its priority.
When the last one has finished booting, it must inform the
others (which can be in the idle state) that program
execution can begin.
Multiprocessor Link-Port Booting
Booting can also be accomplished from a single source through
the link ports. Link Buffer 4 must always be used for booting. To
simultaneously boot all the ADSP-21060s, a parallel common
connection is available through Link Port 4 on each of the
processors. Or, using the daisy-chain connection that exists
between the processors’ link ports, each ADSP-21060 can boot
the next one in turn. In this case, the link assignment register
(LAR) must be programmed to configure the internal link ports
with Link Buffer 4.
Multiprocessor Booting from External Memory
If external memory contains a program after reset, then
SHARC_A should be set up for no-boot mode. It begins execut-
ing from Address 0x0040 0004 in external memory. When
booting has completed, the other ADSP-21060s can be booted
by SHARC_A, if they are set up for host booting; or they can
begin executing out of external memory, if they are set up for
no-boot mode. Multiprocessor bus arbitration allows this
booting to occur in an orderly manner.
HOST PROCESSOR INTERFACE
The AD14060/AD14060L’s host interface allows easy connec-
tion to standard microprocessor buses, both 16-bit and 32-bit,
with little additional hardware required. Asynchronous transfers
at speeds of up to the full clock rate of the module are sup-
ported. The host interface is accessed through the AD14060/
AD14060L external port and is memory-mapped into the
unified address space. Four channels of DMA are available for
the host interface; code and data transfers are accomplished
with low software overhead.
The host processor requests the AD14060/AD14060L’s external
bus with the host bus request (HBR), host bus grant (HBG), and
ready (REDY) signals. The host can directly read and write the
internal memory of the SHARCs, and can access the DMA
channel setup and mailbox registers. Vector interrupt support is
provided for efficient execution of host commands.
DIRECT MEMORY ACCESS (DMA) CONTROLLER
The SHARCs’ on-chip DMA control logic allows zero-overhead
data transfers without processor intervention. The DMA
controller operates independently and invisibly to each
SHARC’s processor core, allowing DMA operations to occur
while the core is simultaneously executing its program
instructions.
DMA transfers can occur between SHARC internal memory
and either external memory, external peripherals, or a host
processor. DMA transfers can also occur between the SHARC’s
internal memory and its serial ports or link ports. DMA
transfers between external memory and external peripheral
devices are another option. External bus packing to 16-, 32- or
48-bit words is performed during DMA transfers.
Ten channels of DMA are available on the SHARCs: two via the
link ports, four via the serial ports, and four via the processor’s
external port (for either host processor, other SHARCs,
memory, or I/O transfers). Four additional link port DMA
channels are shared with Serial Port 1 and the external port.
Programs can be downloaded to the SHARCs using DMA
transfers. Asynchronous off-module peripherals can control two
DMA channels using DMA request/grant lines (DMAR1-2,
DMAG1-2). Other DMA features include interrupt generation
upon completion of DMA transfers and DMA chaining for
automatic linked DMA transfers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com