Electronic Components Datasheet Search
  English  ▼

X  

AD14060L Datasheet(PDF) 3 Page - Analog Devices

Part # AD14060L
Description  DSP Multiprocessor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD14060L Datasheet(HTML) 3 Page - Analog Devices

  AD14060L Datasheet HTML 1Page - Analog Devices AD14060L Datasheet HTML 2Page - Analog Devices AD14060L Datasheet HTML 3Page - Analog Devices AD14060L Datasheet HTML 4Page - Analog Devices AD14060L Datasheet HTML 5Page - Analog Devices AD14060L Datasheet HTML 6Page - Analog Devices AD14060L Datasheet HTML 7Page - Analog Devices AD14060L Datasheet HTML 8Page - Analog Devices AD14060L Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
AD14060/AD14060L
Rev. B | Page 3 of 48
SPECIFICATIONS
Table 1. Recommended Operating Conditions
B Grade
K Grade
Parameter
Min
Max
Min
Max
Unit
VDD
Supply Voltage (5 V)
4.75
5.25
4.75
5.25
V
Supply Voltage (3.3 V)
3.15
3.6
3.15
3.6
V
TCASE
Case Operating Temperature
−40
+100
0
+85
°C
ELECTRICAL CHARACTERISTICS (3.3 V, 5 V SUPPLY)
Table 2.
5 V
3.3 V
Parameter
Case
Temp
Test
Level
Test Condition
Min
Typ
Max
Min
Typ
Max
Unit
VIH1
High Level Input Voltage1
Full
I
@ VDD = max
2.0
VDD + 0.5
2.0
VDD + 0.5
V
VIH2
High Level Input Voltage2
Full
I
@ VDD = max
2.2
VDD + 0.5
2.2
VDD + 0.5
V
VIL
Low Level Input Voltage1, 2
Full
I
@ VDD = min
0.8
0.8
V
VOH
High Level Output Voltage3, 4
Full
I
@ VDD = min, IOH = −2.0 mA
4
4.1
2.4
V
VOL
Low Level Output Voltage3, 4
Full
I
@ VDD = min, IOL = 4.0 mA
4
0.4
0.4
V
IIH
High Level Input Current5, ,6 7
Full
I
@ VDD = max, VIN = VDD max
10
10
µA
IIL
Low Level Input Current5
Full
I
@ VDD = max, VIN = 0 V
10
10
µA
IILP
Low Level Input Current6
Full
I
@ VDD = max, VIN = 0 V
150
150
µA
IILPX4
Low Level Input Current7
Full
I
@ VDD = max, VIN = 0 V
600
600
µA
IOZH
Three-State Leakage Current8, , ,
9 10 11
Full
I
@ VDD = max, VIN = VDD max
10
10
µA
IOZL
Three-State Leakage Current8, 12
Full
I
@ VDD = max, VIN = 0 V
10
10
µA
IOZHP
Three-State Leakage Current12
Full
I
@ VDD = max, VIN = VDD max
350
350
µA
IOZLC
Three-State Leakage Current13
Full
I
@ VDD = max, VIN = 0 V
1.5
1.5
mA
IOZLA
Three-State Leakage Current14
Full
I
@ VDD = max,
VIN = 1.5 V (5 V), 2 V (3.3 V)
350
350
µA
IOZLAR
Three-State Leakage Current10
Full
I
@ VDD = max, VIN = 0 V
4.2
4.2
mA
IOZLS
Three-State Leakage Current9
Full
I
@ VDD = max, VIN = 0 V
150
150
µA
IOZLSX4
Three-State Leakage Current11
Full
I
@ VDD = max, VIN = 0 V
600
600
µA
IDDIN
Supply Current (Internal)15
Full
IV
tCK = 25 ns, VDD = max
1.4
2.92
1.0
2.2
A
IDDIDLE
Supply Current (Idle)16
Full
I
VDD = max
800
760
mA
CIN
Input Capacitance17, 18
25°C
V
15
15
pF
1 Applies to input and bidirectional pins: DATA47-0, ADDR31-0, RD, WR, SW, ACK, STBS, IRQy2-0, FLAGy0, FLAG1, FLAGy2, HBG, CSy, DMAR1, DMAR2, BR6-1, RPBA, CPAy, TFS0,
TFSy1, RFS0, RFSy1, LyxDAT3-0, LyxCLK, LyxACK, EBOOTA, LBOOTA, EBOOTBCD, LBOOTBCD, BMSA, BMSBCD, TMS, TDI, TCK, HBR, DR0, DRy1, TCLK0, TCLKy1, RCLK0,
RCLKy1.
2 Applies to input pins: CLKIN, RESET, TRST.
3 Applies to output and bidirectional pins: DATA47-0, ADDR31-0, MS3-0, RD, WR, PAGE, ADRCLK, SW, ACK, FLAGy0, FLAG1, FLAGy2, TIMEXPy, HBG, REDY, DMAG1, DMAG2,
BR6-1, CPAy, DTO, DTy1, TCLK0, TCLKy1, RCLK0, RCLKy1, TFS0, TFSy1, RFS0, RFSy1, LyxDAT3-0, LyxCLK, LyxACK, BMSA, BMSBCD, TDO, EMU.
4 See the
section for typical drive current capabilities.
Output Drive Currents
5 Applies to input pins: STBS, IRQy2-0, HBR, CSy, DMAR1, DMAR2, RPBA, EBOOTA, LBOOTA, EBOOTBCD, LBOOTBCD, CLKIN, RESET, TCK.
6 Applies to input pins with internal pull-ups: DR0, DRy1, TDI.
7 Applies to bused input pins with internal pull-ups: TRST, TMS.
8 Applies to three-statable pins: DATA47-0, ADDR31-0, MS3-0, RD, WR, PAGE, ADRCLK, SW, ACK, FLAGy0, FLAG1, FLAGy2, REDY, HBG, DMAG1, DMAG2, BMSA, BMSBCD, TDO,
EMU. (Note that ACK is pulled up internally with 2 kΩ during reset in a multiprocessor system, when ID2-0 = 001 and another ADSP-2106x is not requesting bus
mastership. HBG and EMU are not tested for leakage current.)
9 Applies to three-statable pins with internal pull-ups: DTy1, TCLKy1, RCLKy1.
10 Applies to ACK pin when pulled up. (Note that ACK is pulled up internally with 2 kΩ during reset in a multiprocessor system, when ID2-0 = 001 and another
ADSP-2106x is not requesting bus mastership.)
11 Applies to bused three-statable pins with internal pull-ups: DT0, TCLK0, RCLK0.
12 Applies to three-statable pins with internal pull-downs: LyxDAT3-0, LyxCLK, LyxACK.
13 Applies to CPAy pin.
14 Applies to ACK pin, when the keeper latch is enabled.
15 Applies to VDD pins. Conditions of operation: each processor is executing radix-2 FFT butterfly with instruction in cache, one data operand is fetched from each
internal memory block, and one DMA transfer is occurring from/to internal memory at tCK = 25 ns.
16 Applies to VDD pins. Idle denotes AD14060/AD14060L state during execution of IDLE instruction.
17 Applies to all signal pins.
18 Guaranteed, but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com