Electronic Components Datasheet Search
  English  ▼

X  

AD14060L Datasheet(PDF) 18 Page - Analog Devices

Part # AD14060L
Description  DSP Multiprocessor Family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD14060L Datasheet(HTML) 18 Page - Analog Devices

Back Button AD14060L Datasheet HTML 14Page - Analog Devices AD14060L Datasheet HTML 15Page - Analog Devices AD14060L Datasheet HTML 16Page - Analog Devices AD14060L Datasheet HTML 17Page - Analog Devices AD14060L Datasheet HTML 18Page - Analog Devices AD14060L Datasheet HTML 19Page - Analog Devices AD14060L Datasheet HTML 20Page - Analog Devices AD14060L Datasheet HTML 21Page - Analog Devices AD14060L Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
AD14060/AD14060L
Rev. B | Page 18 of 48
DMA HANDSHAKE
These specifications describe the three DMA handshake modes. In all three modes, DMAR is used to initiate transfers. For handshake
mode, DMAG controls the latching or enabling of data externally. For external handshake mode, the data transfer is controlled by the
ADDR31-0, RD, WR, SW, PAGE, MS3-0, ACK, and DMAG signals. For paced master mode, the data transfer is controlled by ADDR31-0, RD,
WR, MS3-0, and ACK (not DMAG). For paced master mode, the memory read—bus master, memory write—bus master, and synchronous
read/write—bus master timing specifications for ADDR31-0, RD, WR, MS3-0, SW, PAGE, DATA47-0, and ACK also apply.
Table 15. Specifications
5 V
3.3 V
Parameter
Min
Max
Min
Max
Unit
Timing Requirements:
tSDRLC
DMARx Low Setup before CLKIN1
5
5
ns
tSDRHC
DMARx High Setup before CLKIN1
5
5
ns
tWDR
DMARx Width Low (Nonsynchronous)
6
6
ns
tSDATDGL
Data Setup after DMAGx Low2
9 + 5 DT/8
9 + 5 DT/8
ns
tHDATIDG
Data Hold after DMAGx High
2
2
ns
tDATDRH
Data Valid after DMAGx High2
15.5 + 7 DT/8
15.5 + 7 DT/8
ns
tDMARLL
DMAGx Low Edge to Low Edge
23 + 7 DT/8
23 + 7 DT/8
ns
tDMARH
DMAGx Width High
6
6
ns
Switching Characteristics:
tDDGL
DMAGx Low Delay after CLKIN
9 + DT/4
16 + DT/4
9 + DT/4
16 + DT/4
ns
tWDGH
DMAGx High Width
6 + 3 DT/8
6 + 3 DT/8
ns
tWDGL
DMAGx Low Width
12 + 5 DT/8
12 + 5 DT/8
ns
tHDGC
DMAGx High Delay after CLKIN
−2 − DT/8
+7 − DT/8
−2 − DT/8
+7 − DT/8
ns
tVDATDGH
Data Valid before DMAGx High3
7.5 + 9 DT/16
7.5 + 9 DT/16
ns
tDATRDGH
Data Disable after DMAGx High4
−1
+7.5
−1
+7.5
ns
tDGWRL
WR Low before DMAGx Low
−0.5
+2.5
−0.75
+2.5
ns
tDGWRH
DMAGx Low before WR High
9.5 + 5 DT/8 + W
9.5 + 5 DT/8 + W
ns
tDGWRR
WR High before DMAGx High
0.5 + DT/16
3.5 + DT/16
0.5 + DT/16
3.5 + DT/16
ns
tDGRDL
RD Low before DMAGx Low
−0.25
+2.5
0
2.5
ns
tDRDGH
RD Low before DMAGx High
11 + 9 DT/16 + W
11 + 9 DT/16 + W
ns
tDGRDR
RD High before DMAGx High
0
3.5
0
3.5
ns
tDGWR
DMAGx High to WR, RD, DMAGx Low
4.5 + 3 DT/8 + HI
4.5 + 3 DT/8 + HI
ns
tDADGH
Address/Select Valid to DMAGx High
16 + DT
16 + DT
ns
tDDGHA
Address/Select Hold after DMAGx High
−1.5
−1.5
ns
W = number of wait states specified in WAIT register × tCK.
HI = tCK, if an address hold cycle or bus idle cycle occurs, as specified in WAIT register; otherwise, HI = 0.
1 Required only for recognition in the current cycle.
2 tSDATDGL is the data setup requirement, if DMARx is not being used to hold off completion of a write. Otherwise, if DMARx low holds off completion of the write, the data
can be driven tDATDRH after DMARx is brought high.
3 tVDATDGH is valid, if DMARx is not being used to hold off completion of a read. If DMARx is used to prolong the read, then tVDATDGH = 7.5 + 9 DT/16 + (n × tCK), where n
equals the number of extra cycles that the access is prolonged.
4 See the
section for the calculation of hold times given capacitive and dc loads.
System Hold Time Calculation Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com