Electronic Components Datasheet Search
  English  ▼

X  

ADE7169 Datasheet(PDF) 34 Page - Analog Devices

Part # ADE7169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADE7169_15 Datasheet HTML 30Page - Analog Devices ADE7169_15 Datasheet HTML 31Page - Analog Devices ADE7169_15 Datasheet HTML 32Page - Analog Devices ADE7169_15 Datasheet HTML 33Page - Analog Devices ADE7169_15 Datasheet HTML 34Page - Analog Devices ADE7169_15 Datasheet HTML 35Page - Analog Devices ADE7169_15 Datasheet HTML 36Page - Analog Devices ADE7169_15 Datasheet HTML 37Page - Analog Devices ADE7169_15 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 152 page
background image
ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/ADE7569
Rev. B | Page 34 of
152
Battery Switchover and Power Supply Restored
PSM Interrupt
The ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/
ADE7569 can be configured to generate a PSM interrupt when
the source of VSWOUT changes from VDD to VBAT, indicating
battery switchover. Setting the EBSO bit in the power manage-
ment interrupt enable SFR (IPSME, Address 0xEC) enables this
event to generate a PSM interrupt (see Table 21).
The ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/
ADE7569 can also be configured to generate an interrupt when
the source of VSWOUT changes from VBAT to VDD, indicating that
the VDD power supply has been restored. Setting the EPSR bit in
the power management interrupt enable SFR (IPSME, Address
0xEC) enables this event to generate a PSM interrupt.
The flags in the IPSMF SFR for these interrupts, FBSO and
FPSR, are set regardless of whether the respective enable bits
have been set. The battery switchover and power supply restore
event flags, FBSO and FPSR, are latched. These events must be
cleared by writing a 0 to these bits. Bit 6 (VSWSOURCE) in the
peripheral configuration SFR (PERIPH, Address 0xF4) tracks
the source of VSWOUT. The bit is set when VSWOUT is connected to
VDD and cleared when VSWOUT is connected to VBAT.
VDCIN ADC PSM Interrupt
The ADE7156/ADE7166/ADE7169/ADE7566/ADE7569 can be
configured to generate a PSM interrupt when VDCIN changes
magnitude by more than a configurable threshold. This threshold
is set in the temperature and supply delta SFR (DIFFPROG,
Address 0xF3), which is described in Table 50. See the External
Voltage Measurement section for more information. Setting the
EVADC bit in the power management interrupt enable SFR
(IPSME, Address 0xEC) enables this event to generate a PSM
interrupt. Note that this feature is not available in the ADE7116.
The VDCIN voltage is measured using a dedicated ADC. These
measurements take place in the background at intervals to check
the change in VDCIN. Conversions can also be initiated by writing to
the start ADC measurement SFR (ADCGO, Address 0xD8), as
described in Table 51. The FVADC flag in the power manage-
ment interrupt flag SFR (IPSMF, Address 0xF8) indicates when
a VDCIN measurement is ready. See the External Voltage
Measurement section for details on how VDCIN is measured.
VBAT Monitor PSM Interrupt
The VBAT voltage is measured using a dedicated ADC. These
measurements take place in the background at intervals to
check the change in VBAT. The FBAT bit is set when the battery
level is lower than the threshold set in the battery detection
threshold SFR (BATVTH, Address 0xFA), described in Table 52,
or when a new measurement is ready in the battery ADC value
SFR (BATADC, Address 0xDF), described in Table 54. See the
Battery Measurement section for more information. Setting the
EBAT bit in the power management interrupt enable SFR
(IPSME, Address 0xEC) enables this event to generate a PSM
interrupt. Note that this feature is not available in the ADE7116.
VDCIN Monitor PSM Interrupt
The VDCIN voltage is monitored by a comparator. The FVDCIN
bit in the power management interrupt flag SFR (IPSMF,
Address 0xF8) is set when the VDCIN input level is lower than
1.2 V. Setting the EVDCIN bit in the IPSME SFR enables this
event to generate a PSM interrupt. This event, which is associated
with the SAG monitoring, can be used to detect that a power
supply (VDD) is compromised and to trigger further actions
prior to initiating a switch from VDD to VBAT. Note that this
feature is not available in the ADE7116.
SAG Monitor PSM Interrupt
The ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/
ADE7569 energy measurement DSP monitors the ac voltage
input at the VP and VN input pins. The SAGLVL register
(Address 0x14) is used to set the threshold for a line voltage
SAG event. The FSAG bit in the power management interrupt
flag SFR (IPSMF, Address 0xF8) is set if the line voltage stays
below the level set in the SAGLVL register for the number of
line cycles set in the SAGCYC register (Address 0x13). See the
Line Voltage SAG Detection section for more information.
Setting the ESAG bit in the power management interrupt enable
SFR (IPSME, Address 0xEC) enables this event to generate a
PSM interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com