Electronic Components Datasheet Search
  English  ▼

X  

ADE7169 Datasheet(PDF) 38 Page - Analog Devices

Part # ADE7169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADE7169_15 Datasheet HTML 34Page - Analog Devices ADE7169_15 Datasheet HTML 35Page - Analog Devices ADE7169_15 Datasheet HTML 36Page - Analog Devices ADE7169_15 Datasheet HTML 37Page - Analog Devices ADE7169_15 Datasheet HTML 38Page - Analog Devices ADE7169_15 Datasheet HTML 39Page - Analog Devices ADE7169_15 Datasheet HTML 40Page - Analog Devices ADE7169_15 Datasheet HTML 41Page - Analog Devices ADE7169_15 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 152 page
background image
ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/ADE7569
Rev. B | Page 38 of
152
3.3 V PERIPHERALS AND WAKE-UP EVENTS
Some of the 3.3 V peripherals are capable of waking the ADE7116/
ADE7156/ADE7166/ADE7169/ADE7566/ADE7569 from PSM2
mode. The events that can cause the devices to wake up from
PSM2 mode are listed in the Wake-Up Event column in Table 29.
The interrupt flag associated with these events must be cleared
prior to executing instructions that put the ADE7116/ADE7156/
ADE7166/ADE7169/ADE7566/ADE7569 in PSM2 mode after
wake-up.
Table 29. 3.3 V Peripherals and Wake-Up Events
3.3 V
Peripheral
Wake-
Up
Event
Wake-Up
Enable Bits
Flag
Interrupt
Vector
Comments
Temperature
ADC
∆T
Maskable
The temperature ADC can wake up the ADE7156/ADE7166/
ADE7169/ADE7566/ADE7569. A pending interrupt is generated
according to the description in the Temperature Measurement
section. This wake-up event can be disabled by disabling temperature
measurements in the temperature and supply delta SFR (DIFFPROG,
Address 0xF3) in PSM2 mode. The temperature interrupt needs to be
serviced and acknowledged prior to entering PSM2 mode.
VDCIN ADC
ΔV
Maskable
FVADC
IPSM
The VDCIN measurement can wake up the ADE7156/ADE7166/
ADE7169/ADE7566/ADE7569. FVADC is set according to the
description in the External Voltage Measurement section. This wake-
up event can be disabled by clearing EVADC in the power manage-
ment interrupt enable SFR (IPSME, Address 0xEC); see Table 21. The
FVADC flag needs to be cleared prior to entering PSM2 mode.
Power Supply
Management
PSR
Nonmaskable
PSR
IPSM
The ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/ADE7569 wake
up if the power supply is restored (if VSWOUT switches to be connected
to VDD). The VSWSOURCE flag, Bit 6 of the peripheral configuration SFR
(PERIPH, Address 0xF4), is set to indicate that VSWOUT is connected to VDD.
RTC
Midnight
Nonmaskable
Midnight
IRTC
The ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/ADE7569
wake up at midnight every day to update their calendars. The RTC
interrupt needs to be serviced and acknowledged prior to entering
PSM2 mode.
Alarm
Maskable
ALARM
IRTC
An alarm can be set to wake the ADE7116/ADE7156/ADE7166/
ADE7169/ADE7566/ADE7569 after the desired amount of time. The
RTC alarm is enabled by setting the ALARM bit in the RTC configur-
ation SFR (TIMECON, 0xA1). The RTC interrupt needs to be serviced
and acknowledged prior to entering PSM2 mode.
I/O Ports1
INT0
INT0PRG = 1
IE0
The edge of the interrupt is selected by the IT0 bit in the TCON SFR
(TCON, Address 0x88). The IE0 flag bit in the TCON SFR is not affected.
The Interrupt 0 interrupt needs to be serviced and acknowledged
prior to entering PSM2 mode.
INT1
INT1PRG = 11x
IE1
The edge of the interrupt is selected by the IT1 bit in the TCON SFR
(TCON, Address 0x88). The IE1 flag bit in the TCON SFR is not affected.
The Interrupt 1 interrupt needs to be serviced and acknowledged
prior to entering PSM2 mode.
Rx Edge
RXPROG[1:0] =
11
PERIPH[7]
(RXFG)
An Rx edge event occurs if a rising or falling edge is detected on the
Rx line. The UART RxD flag needs to be cleared prior to entering
PSM2 mode.
External
Reset
RESET
Nonmaskable
If the RESET pin is brought low while the ASE7116/ADE7156/
ADE7166/ADE7169/ADE7566/ADE7569 are in PSM2 mode, they
wake up to PSM1 mode.
LCD
The LCD can be enabled/disabled in PSM2 mode. The LCD data
memory remains intact.
Scratch Pad
The four SCRATCHx registers remain intact in PSM2 mode.
1 All I/O pins are treated as inputs. The weak pull-up on each I/O pin can be disabled individually in the Port 0 weak pull-up enable SFR (PINMAP0, Address 0xB2), Port 1
weak pull-up enable SFR (PINMAP1, Address 0xB3), and Port 2 weak pull-up enable SFR (PINMAP2, Address 0xB4) to decrease current consumption. The interrupts can
be enabled or disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com