Electronic Components Datasheet Search
  English  ▼

X  

ADE7169 Datasheet(PDF) 68 Page - Analog Devices

Part # ADE7169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADE7169_15 Datasheet HTML 64Page - Analog Devices ADE7169_15 Datasheet HTML 65Page - Analog Devices ADE7169_15 Datasheet HTML 66Page - Analog Devices ADE7169_15 Datasheet HTML 67Page - Analog Devices ADE7169_15 Datasheet HTML 68Page - Analog Devices ADE7169_15 Datasheet HTML 69Page - Analog Devices ADE7169_15 Datasheet HTML 70Page - Analog Devices ADE7169_15 Datasheet HTML 71Page - Analog Devices ADE7169_15 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 152 page
background image
ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/ADE7569
Rev. B | Page 68 of
152
Reactive Power Gain Calibration
Figure 72 shows the signal processing chain for the ADE7169/
ADE7569 reactive power calculation. As explained in the
Reactive Power Calculation (ADE7169/ADE7569) section, the
reactive power is calculated by applying a low-pass filter to the
instantaneous reactive power signal. Note that, when reading
the waveform samples from the output of LPF2, the gain of the
reactive energy can be adjusted by using the multiplier and by
writing a twos complement, 12-bit word to the var gain register
(VARGAIN[11:0], Address 0x1E). Equation 25 shows how the
gain adjustment is related to the contents of the var gain register.
Output VARGAIN =
⎟
⎠
⎞
⎜
⎝
⎛
⎭
⎬
⎫
⎩
⎨
⎧ +
×
12
2
1
VARGAIN
Power
Reactive
(25)
The resolution of the VARGAIN register is the same as the
WGAIN register (see the Active Power Gain Calibration
section). VARGAIN can be used to calibrate the reactive
power (or energy) calculation in the ADE7169/ADE7569.
Reactive Power Offset Calibration
The ADE7169/ADE7569 also incorporate a reactive power
offset register (VAROS[15:0], Address 0x21). This signed, twos
complement, 16-bit register can be used to remove offsets in the
reactive power calculation (see Figure 72). An offset can exist in
the reactive power calculation due to crosstalk between channels
on the PCB or in the IC itself. The offset calibration allows the
contents of the reactive power register to be maintained at 0
when no power is being consumed.
The 256 LSBs (VAROS = 0x100) written to the reactive power
offset register are equivalent to 1 LSB in the WAVMODE register
(Address 0x0D).
Sign of Reactive Power Calculation
Note that the average reactive power is a signed calculation.
The phase shift filter has −90° phase shift when the integrator
is enabled, and +90° phase shift when the integrator is disabled.
Table 46 summarizes the relationship of the phase difference
between the voltage and the current and the sign of the resulting
var calculation.
Table 46. Sign of Reactive Power Calculation
Angle
Integrator
Sign
Between 0° to +90°
Off
Positive
Between −90° to 0°
Off
Negative
Between 0° to +90°
On
Positive
Between −90° to 0°
On
Negative
Reactive Power Sign Detection
The ADE7169/ADE7569 detect a change of sign in the reactive
power. The VARSIGN flag (Bit 4) in the Interrupt Status 1 SFR
(MIRQSTL, Address 0xDC) records when a change of sign has
occurred according to the VARSIGN bit (Bit 5) in the
ACCMODE register (Address 0x0F). If the VARSIGN bit is set
in the Interrupt Enable 1 SFR (MIRQENL, Address 0xD9), the
8052 core has a pending ADE interrupt. The ADE interrupt stays
active until the VARSIGN status bit is cleared (see the Energy
Measurement Interrupts section).
When VARSIGN (Bit 5) in the ACCMODE register (Address
0x0F) is cleared (default), the VARSIGN flag (Bit 4) in the
Interrupt Status 1 SFR (MIRQSTL, Address 0xDC) is set when
a transition from positive to negative reactive power occurs.
When VARSIGN in the ACCMODE register (Address 0x0F) is
set, the VARSIGN flag in the Interrupt Status 1 SFR (MIRQSTL,
Address 0xDC) is set when a transition from negative to positive
reactive power occurs.
Reactive Power No Load Detection
The ADE7169/ADE7569 include a no load threshold feature on
the reactive energy that eliminates any creep effects in the
meter. The ADE7169/ADE7569 accomplish this by not
accumulating reactive energy when the multiplier output is
below the no load threshold. When the reactive power is below
the no load threshold, the RNOLOAD flag (Bit 1) in the Interrupt
Status 1 SFR (MIRQSTL, Address 0xDC) is set. If the RNOLOAD
bit (Bit 1) is set in the Interrupt Enable 1 SFR (MIRQENL,
Address 0xD9), the 8052 core has a pending ADE interrupt. The
ADE interrupt stays active until the RNOLOAD status bit is
cleared (see the Energy Measurement Interrupts section).
The no load threshold level is selectable by setting the
VARNOLOAD bits (Bits[3:2]) in the NLMODE register
(Address 0x0E). Setting these bits to 0b00 disables the no load
detection, and setting them to 0b01, 0b10, or 0b11 sets the no
load detection threshold to 0.015%, 0.0075%, and 0.0037% of
the full-scale output frequency of the multiplier, respectively.
REACTIVE ENERGY CALCULATION
(ADE7169/ADE7569)
As for active energy, the ADE7169/ADE7569 achieve the
integration of the reactive power signal by continuously
accumulating the reactive power signal in an internal, nonreadable,
49-bit energy register. The reactive energy register (VARHR[23:0],
Address 0x04) represents the upper 24 bits of this internal
register. The VARHR register and its function are available for
the ADE7169/ADE7569 only.
The discrete time sample period (T) for the accumulation register
in the ADE7169/ADE7569 is 1.22 μs (5/MCLK). As well as
calculating the energy, this integration removes any sinusoidal
components that may be in the active power signal. Figure 72
shows this discrete time integration or accumulation. The
reactive power signal in the waveform register is continuously
added to the internal reactive energy register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com