Electronic Components Datasheet Search
  English  ▼

X  

ADE7169 Datasheet(PDF) 93 Page - Analog Devices

Part # ADE7169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169 Datasheet(HTML) 93 Page - Analog Devices

Back Button ADE7169_15 Datasheet HTML 89Page - Analog Devices ADE7169_15 Datasheet HTML 90Page - Analog Devices ADE7169_15 Datasheet HTML 91Page - Analog Devices ADE7169_15 Datasheet HTML 92Page - Analog Devices ADE7169_15 Datasheet HTML 93Page - Analog Devices ADE7169_15 Datasheet HTML 94Page - Analog Devices ADE7169_15 Datasheet HTML 95Page - Analog Devices ADE7169_15 Datasheet HTML 96Page - Analog Devices ADE7169_15 Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 152 page
background image
ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/ADE7569
Rev. B | Page 93 of
152
INTERRUPT SYSTEM
The unique power management architecture of the ADE7116/
ADE7156/ADE7166/ADE7169/ADE7566/ADE7569 includes
an operating mode (PSM2) where the 8052 MCU core is shut
down. Events can be configured to wake the 8052 MCU core
from the PSM2 operating mode. A distinction is drawn here
between events that can trigger the wake-up of the 8052 MCU
core and events that can trigger an interrupt when the MCU
core is active. Events that can wake the core are referred to as
wake-up events, whereas events that can interrupt the program
flow when the MCU is active are called interrupts. See the 3.3 V
Peripherals and Wake-Up Events section to learn more about
events that can wake the 8052 core from PSM2 mode.
The ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/
ADE7569 provide 12 interrupt sources with three priority levels.
The power management interrupt is at the highest priority level.
The other two priority levels are configurable through the
interrupt priority SFR (IP, Address 0xB8) and the interrupt
enable and Priority 2 SFR (IEIP2, Address 0xA9).
STANDARD 8052 INTERRUPT ARCHITECTURE
The standard 8052 interrupt architecture includes two tiers of
interrupts, where some interrupts are assigned a high priority
and others are assigned a low priority.
PRIORITY 1
PRIORITY 0
HIGH
LOW
Figure 87. Standard 8052 Interrupt Priority Levels
A Priority 1 interrupt can interrupt the service routine of a
Priority 0 interrupt, and if two interrupts of different priorities
occur at the same time, the Priority 1 interrupt is serviced first.
An interrupt cannot be interrupted by another interrupt of the
same priority level. If two interrupts of the same priority level
occur simultaneously, a polling sequence is observed. See the
Interrupt Priority section.
INTERRUPT ARCHITECTURE
The ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/
ADE7569 possess advanced power supply management
features. To ensure a fast response to time-critical power supply
issues, such as a loss of line power, the power supply manage-
ment interrupt should be able to interrupt any interrupt service
routine. To enable the user to have full use of the standard 8052
interrupt priority levels, an additional priority level is added for the
power supply management (PSM) interrupt. The PSM interrupt
is the only interrupt at this highest interrupt priority level.
PRIORITY 1
PRIORITY 0
PSM
HIGH
LOW
Figure 88. Interrupt Architecture
See the Power Supply Management (PSM) Interrupt section for
more information on the PSM interrupt.
INTERRUPT REGISTERS
The control and configuration of the interrupt system are carried
out through four interrupt-related SFRs, discussed in this section.
Table 77. Interrupt SFRs
SFR
Address
Default
Bit Addressable
Description
IE
0xA8
0x00
Yes
Interrupt enable (see Table 78).
IP
0xB8
0x00
Yes
Interrupt priority (see Table 79).
IEIP2
0xA9
0xA0
No
Interrupt enable and Priority 2 (see Table 80).
WDCON
0xC0
0x10
Yes
Watchdog timer (see Table 85 and the Writing to the Watchdog Timer SFR (WDCON,
Address 0xC0) section).
Table 78. Interrupt Enable SFR (IE, Address 0xA8)
Bit
Bit Address
Mnemonic
Description
7
0xAF
EA
Enables all interrupt sources. Set by the user. Cleared by the user to disable all interrupt sources.
6
0xAE
ETEMP1
Enables the temperature ADC interrupt. Set by the user.
5
0xAD
ET2
Enables the Timer 2 interrupt. Set by the user.
4
0xAC
ES
Enables the UART serial port interrupt. Set by the user.
3
0xAB
ET1
Enables the Timer 1 interrupt. Set by the user.
2
0xAA
EX1
Enables External Interrupt 1 (INT1). Set by the user.
1
0xA9
ET0
Enables the Timer 0 interrupt. Set by the user.
0
0xA8
EX0
Enables External Interrupt 0 (INT0). Set by the user.
1 This feature is not available in the ADE7116.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com