Electronic Components Datasheet Search
  English  ▼

X  

ADE7169 Datasheet(PDF) 55 Page - Analog Devices

Part # ADE7169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADE7169_15 Datasheet HTML 51Page - Analog Devices ADE7169_15 Datasheet HTML 52Page - Analog Devices ADE7169_15 Datasheet HTML 53Page - Analog Devices ADE7169_15 Datasheet HTML 54Page - Analog Devices ADE7169_15 Datasheet HTML 55Page - Analog Devices ADE7169_15 Datasheet HTML 56Page - Analog Devices ADE7169_15 Datasheet HTML 57Page - Analog Devices ADE7169_15 Datasheet HTML 58Page - Analog Devices ADE7169_15 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 152 page
background image
ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/ADE7569
Rev. B | Page 55 of
152
Fault with Inactive Input Greater Than Active Input
If the difference between IPB, the inactive input, and IPA, the
active input (that is, being used for billing), becomes greater
than 6.25% of IPB, and the FAULTSIGN bit (Bit 6) of the
ACCMODE register (Address 0x0F) is cleared, the FAULTSIGN
flag (Bit 5) in the Interrupt Status 1 SFR (MIRQSTL, Address
0xDC) is set. The IPB analog input becomes the active input.
Again, a time constant of about 3 seconds is associated with this
swap. IPA does not become the active channel again until IPA is
greater than IPB and the difference between IPA and IPB—in this
order—becomes greater than 6.25% of IPB. However, if the
FAULTSIGN bit (Bit 6) of the ACCMODE register (Address 0x0F)
is set, the FAULTSIGN flag (Bit 5) in the Interrupt Status 1 SFR
(MIRQSTL, Address 0xDC) is set as soon as IPA is within 6.25%
of IPB. This threshold eliminates potential chatter between IPA
and IPB.
Calibration Concerns
Typically, when a meter is calibrated, the voltage and current
circuits are separated, as shown in Figure 49. Current passes
through only the phase circuit or the neutral circuit. Figure 49
shows current being passed through the phase circuit. This is
the preferred option because the ADE7116/ADE7156/
ADE7166/ADE7169 start billing on the IPA input on power-up.
The phase circuit CT is connected to IPA in the diagram.
Because the current sensors are not perfectly matched, it is
important to match current inputs. The ADE7116/
ADE7156/ADE7166/ADE7169 provide a gain calibration
register for IPB, IBGAIN (Address 0x1C). IBGAIN is a 12-bit,
signed, twos complement register that provides a gain
resolution of 0.0244%/LSB.
For calibration, a first measurement should be done on IPA by
setting the SEL_I_CH bits to 0b01 in the CALMODE register
(Address 0x3D). This measurement should be compared to the
measurement on IPB. Measuring IPB can be forced by setting the
SEL_I_CH bits to 0b10 in the CALMODE register (Address 0x3D).
The gain error between these two measurements can be evaluated
using the following equation:
()
()
( )
()
A
A
B
I
t
Measuremen
I
t
Measuremen
I
t
Measuremen
Error
−
=
%
(2)
The two channels, IPA and IPB, can then be matched by writing
−Error(%)/(1 + Error (%)) × 212 to the IBGAIN register
(Address 0x1C). This matching adjustment is valid for all
energy measurements made by the ADE7116/ADE7156/
ADE7166/ADE7169, including active power, reactive power
(ADE7169 only), apparent power, and Irms.
AGND
IPB
IN
IPA
RF
RF
CF
CF
CT
CT
RB
RB
0V
VA
0
IPB
RF
RA
VP
RF
VN
CT
CF
V
TEST
CURRENT
240V rms
Figure 49. Fault Conditions for Inactive Input Greater Than Active Input
di/dt CURRENT SENSOR AND DIGITAL
INTEGRATOR FOR THE ADE7169/ADE7569
A di/dt sensor, a feature available for the AD7169/ADE7569 but
not for the ADE7116/ADE7156/ADE7166/ADE7169, detects
changes in the magnetic field caused by ac currents. Figure 50
shows the principle of a di/dt current sensor.
MAGNETIC FIELD CREATED BY CURRENT
(DIRECTLY PROPORTIONAL TO CURRENT)
+ EMF (ELECTROMOTIVE FORCE)
– INDUCED BY CHANGES IN
MAGNETIC FLUX DENSITY (di/dt)
Figure 50. Principle of a di/dt Current Sensor
The flux density of a magnetic field induced by a current is
directly proportional to the magnitude of the current. The
changes in the magnetic flux density passing through a conductor
loop generate an electromotive force (EMF) between the two
ends of the loop. The EMF is a voltage signal that is proportional
to the di/dt of the current. The voltage output from the di/dt
current sensor is determined by the mutual inductance between
the current-carrying conductor and the di/dt sensor. The current
signal needs to be recovered from the di/dt signal before it can
be used. An integrator is, therefore, necessary to restore the
signal to its original form.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com