Electronic Components Datasheet Search
  English  ▼

X  

ADE7169 Datasheet(PDF) 101 Page - Analog Devices

Part # ADE7169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169 Datasheet(HTML) 101 Page - Analog Devices

Back Button ADE7169_15 Datasheet HTML 97Page - Analog Devices ADE7169_15 Datasheet HTML 98Page - Analog Devices ADE7169_15 Datasheet HTML 99Page - Analog Devices ADE7169_15 Datasheet HTML 100Page - Analog Devices ADE7169_15 Datasheet HTML 101Page - Analog Devices ADE7169_15 Datasheet HTML 102Page - Analog Devices ADE7169_15 Datasheet HTML 103Page - Analog Devices ADE7169_15 Datasheet HTML 104Page - Analog Devices ADE7169_15 Datasheet HTML 105Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 152 page
background image
ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/ADE7569
Rev. B | Page 101 of 152
Table 89. LCD Configuration X SFR (LCDCONX, Address 0x9C)
Bit
Mnemonic
Default
Description
7
Reserved
0
Reserved.
6
EXTRES
0
External resistor ladder selection bit.
EXTRES
Result
0
External resistor ladder is disabled. Charge pump is enabled.
1
External resistor ladder is enabled. Charge pump is disabled.
[5:0]
BIASLV
0
Bias level selection bits. See Table 90.1
1 This feature is not available in the ADE7116.
Table 90. LCD Bias Voltage When Contrast Control Is Enabled1
BIASLVL[5]
VA (V)
1/2 Bias
1/3 Bias
VB
VC
VB
VC
0
[ ]
31
0
4
BLVL
V
REF
:
×
VB = VA
VC = 2 × VA
VB = 2 × VA
VC = 3 × VA
1
[ ]
⎟
⎠
⎞
⎜
⎝
⎛ +
×
31
0
:
4
BLVL
1
V
REF
VB = VA
VC = 2 × VA
VB = 2 × VA
VC = 3 × VA
1 This feature is not available in the ADE7116.
Table 91. LCD Configuration Y SFR (LCDCONY, Address 0xB1)
Bit
Mnemonic
Default
Description
7
Reserved
0
This bit should be kept cleared for proper operation.
6
INV_LVL
0
Frame inversion mode enable bit. If this bit is set, frames are inverted every other frame. If this bit is
cleared, frames are not inverted.
[5:2]
Reserved
0000
These bits should be kept cleared to 0 for proper operation.
1
UPDATEOVER
0
Update finished flag bit. This bit is updated by the LCD driver. When set, this bit indicates that the
LCD memory has been updated and a new frame has begun.
0
REFRESH
0
Refresh LCD data memory bit. This bit should be set by the user. When set, the LCD driver does not
use the data in the LCD data registers to update the display. The LCD data registers can be updated
by the 8052. When cleared, the LCD driver uses the data in the LCD data registers to update display
at the next frame.
Table 92. LCD Clock SFR (LCDCLK, Address 0x96)
Bit
Mnemonic
Default
Description
[7:6]
BLKMOD
0
Blink mode clock source configuration bits.
BLKMOD
Result
00
The blink rate is controlled by software; the display is off.
01
The blink rate is controlled by software; the display is on.
10
The blink rate is 2 Hz.
11
The blink rate is set by BLKFREQ.
[5:4]
BLKFREQ
0
Blink rate configuration bits. These bits control the LCD blink rate if the BLKMOD bits = 11.
BLKFREQ
Result (Blink Rate)
00
1 Hz
01
1/2 Hz
10
1/3 Hz
11
1/4 Hz
[3:0]
FD
0
LCD frame rate selection bits. See Table 93 and Table 94.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com