Electronic Components Datasheet Search
  English  ▼

X  

ADE7753 Datasheet(PDF) 32 Page - Analog Devices

Part # ADE7753
Description  Single-Phase Multifunction Metering IC with di/dt Sensor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7753 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADE7753_15 Datasheet HTML 28Page - Analog Devices ADE7753_15 Datasheet HTML 29Page - Analog Devices ADE7753_15 Datasheet HTML 30Page - Analog Devices ADE7753_15 Datasheet HTML 31Page - Analog Devices ADE7753_15 Datasheet HTML 32Page - Analog Devices ADE7753_15 Datasheet HTML 33Page - Analog Devices ADE7753_15 Datasheet HTML 34Page - Analog Devices ADE7753_15 Datasheet HTML 35Page - Analog Devices ADE7753_15 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
ADE7753
Rev. C | Page 32 of 60
From Equation 19 it can be seen that there is a small ripple in
the energy calculation due to a sin(2 ωt) component. This is
shown graphically in Figure 68. The active energy calculation is
shown by the dashed straight line and is equal to V × I × t. The
sinusoidal ripple in the active energy calculation is also shown.
Since the average value of a sinusoid is 0, this ripple does not
contribute to the energy calculation over time. However, the
ripple can be observed in the frequency output, especially at
higher output frequencies. The ripple gets larger as a percentage
of the frequency at larger loads and higher output frequencies.
The reason is simply that at higher output frequencies the
integration or averaging time in the energy-to-frequency
conversion process is shorter. As a consequence, some of the
sinusoidal ripple is observable in the frequency output. Choosing
a lower output frequency at CF for calibration can significantly
reduce the ripple. Also, averaging the output frequency by using
a longer gate time for the counter achieves the same results.
VI
–
sin(4
×π×f
L×t)
4
×π×f
L(1+2×fL/8. 9Hz )
E(t)
t
Vlt
02875-0-067
Figure 68. Output Frequency Ripple
WDIV[7:0]
APOS[15:0]
WGAIN[11:0]
LPF1
+
+
LAENERGY [23:0]
ACCUMULATE ACTIVE
ENERGY IN INTERNAL
REGISTER AND UPDATE
THE LAENERGY REGISTER
AT THE END OF LINECYC
LINE CYCLES
OUTPUT
FROM
LPF2
FROM
CHANNEL 2
ADC
23
0
LINECYC [15:0]
48
0
02875-0-068
%
ZERO CROSS
DETECTION
CALIBRATION
CONTROL
Figure 69. Energy Calculation Line Cycle Energy Accumulation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com