Electronic Components Datasheet Search
  English  ▼

X  

ADE7753 Datasheet(PDF) 17 Page - Analog Devices

Part # ADE7753
Description  Single-Phase Multifunction Metering IC with di/dt Sensor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7753 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADE7753_15 Datasheet HTML 13Page - Analog Devices ADE7753_15 Datasheet HTML 14Page - Analog Devices ADE7753_15 Datasheet HTML 15Page - Analog Devices ADE7753_15 Datasheet HTML 16Page - Analog Devices ADE7753_15 Datasheet HTML 17Page - Analog Devices ADE7753_15 Datasheet HTML 18Page - Analog Devices ADE7753_15 Datasheet HTML 19Page - Analog Devices ADE7753_15 Datasheet HTML 20Page - Analog Devices ADE7753_15 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
ADE7753
Rev. C | Page 17 of 60
DC COMPONENT (INCLUDING ERROR TERM)
IS EXTRACTED BY THE LPF FOR REAL
POWER CALCULATION
FREQUENCY (RAD/S)
IOS × V
VOS × I
VOS × IOS
V
× I
2
0
2
ω
ω
02875-0-033
Figure 33. Effect of Channel Offsets on the Real Power Calculation
The contents of the offset correction registers are 6-bit, sign and
magnitude coded. The weight of the LSB depends on the gain
setting, i.e., 1, 2, 4, 8, or 16. Table 6 shows the correctable offset
span for each of the gain settings and the LSB weight (mV) for
the offset correction registers. The maximum value that can be
written to the offset correction registers is ±31d—see Figure 34.
Figure 34 shows the relationship between the offset correction
register contents and the offset (mV) on the analog inputs for a
gain setting of 1. In order to perform an offset adjustment, the
analog inputs should be first connected to AGND, and there
should be no signal on either Channel 1 or Channel 2. A read
from Channel 1 or Channel 2 using the waveform register
indicates the offset in the channel. This offset can be canceled
by writing an equal and opposite offset value to the Channel 1
offset register, or an equal value to the Channel 2 offset register.
The offset correction can be confirmed by performing another
read. Note when adjusting the offset of Channel 1, one should
disable the digital integrator and the HPF.
Table 6. Offset Correction Range—Channels 1 and 2
Gain
Correctable Span
LSB Size
1
±50 mV
1.61 mV/LSB
2
±37 mV
1.19 mV/LSB
4
±30 mV
0.97 mV/LSB
8
±26 mV
0.84 mV/LSB
16
±24 mV
0.77 mV/LSB
CH1OS[5:0]
SIGN + 5 BITS
+50mV
OFFSET
ADJUST
0x3F
0x00
0x1F
–50mV
0mV
SIGN + 5 BITS
01,1111b
11,1111b
02875-0-034
Figure 34. Channel 1 Offset Correction Range (Gain = 1)
The current and voltage rms offsets can be adjusted with the
IRMSOS and VRMSOS registers—see Channel 1 RMS Offset
Compensation and Channel 2 RMS Offset Compensation
sections.
di/dt CURRENT SENSOR AND DIGITAL INTEGRATOR
A di/dt sensor detects changes in magnetic field caused by ac
current. Figure 35 shows the principle of a di/dt current sensor.
MAGNETIC FIELD CREATED BY CURRENT
(DIRECTLY PROPORTIONAL TO CURRENT)
+ EMF (ELECTROMOTIVE FORCE)
– INDUCED BY CHANGES IN
MAGNETIC FLUX DENSITY (di/dt)
02875-0-035
Figure 35. Principle of a di/dt Current Sensor
The flux density of a magnetic field induced by a current is
directly proportional to the magnitude of the current. The
changes in the magnetic flux density passing through a
conductor loop generate an electromotive force (EMF) between
the two ends of the loop. The EMF is a voltage signal, which is
proportional to the di/dt of the current. The voltage output
from the di/dt current sensor is determined by the mutual
inductance between the current-carrying conductor and the
di/dt sensor. The current signal needs to be recovered from the
di/dt signal before it can be used. An integrator is therefore
necessary to restore the signal to its original form. The ADE7753
has a built-in digital integrator to recover the current signal
from the di/dt sensor. The digital integrator on Channel 1 is
switched off by default when the ADE7753 is powered up.
Setting the MSB of CH1OS register turns on the integrator.
Figure 36 to Figure 39 show the magnitude and phase response
of the digital integrator.
FREQUENCY (Hz)
10
0
–10
–20
–30
–40
–50
102
103
02875-0-036
Figure 36. Combined Gain Response of the
Digital Integrator and Phase Compensator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com