Electronic Components Datasheet Search
  English  ▼

X  

ADE7753 Datasheet(PDF) 28 Page - Analog Devices

Part # ADE7753
Description  Single-Phase Multifunction Metering IC with di/dt Sensor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7753 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADE7753_15 Datasheet HTML 24Page - Analog Devices ADE7753_15 Datasheet HTML 25Page - Analog Devices ADE7753_15 Datasheet HTML 26Page - Analog Devices ADE7753_15 Datasheet HTML 27Page - Analog Devices ADE7753_15 Datasheet HTML 28Page - Analog Devices ADE7753_15 Datasheet HTML 29Page - Analog Devices ADE7753_15 Datasheet HTML 30Page - Analog Devices ADE7753_15 Datasheet HTML 31Page - Analog Devices ADE7753_15 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
ADE7753
Rev. C | Page 28 of 60
FREQUENCY (Hz)
0.4
54
56
58
60
62
64
66
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
02875-0-059
Figure 60. Combined Gain Response of the HPF and Phase Compensation
ACTIVE POWER CALCULATION
Power is defined as the rate of energy flow from source to load.
It is defined as the product of the voltage and current wave-
forms. The resulting waveform is called the instantaneous
power signal and is equal to the rate of energy flow at every
instant of time. The unit of power is the watt or joules/sec.
Equation 9 gives an expression for the instantaneous power
signal in an ac system.
v(t) =
)
sin(
2
t
V
ω
×
(7)
i(t) =
)
sin(
2
t
I
ω
×
(8)
where:
V is the rms voltage.
I is the rms current.
)
(
)
(
)
(
t
i
t
v
t
p
×
=
)
2
cos(
)
(
t
VI
VI
t
p
ω
−
=
(9)
The average power over an integral number of line cycles (n) is
given by the expression in Equation 10.
P =
∫
=
nT
VI
dt
t
p
nT 0
)
(
1
(10)
where:
T is the line cycle period.
P is referred to as the active or real power.
Note that the active power is equal to the dc component of the
instantaneous power signal p(t) in Equation 8, i.e., VI. This is
the relationship used to calculate active power in the ADE7753.
The instantaneous power signal p(t) is generated by multiplying
the current and voltage signals. The dc component of the
instantaneous power signal is then extracted by LPF2 (low-pass
filter) to obtain the active power information. This process is
illustrated in Figure 61.
INSTANTANEOUS
POWER SIGNAL
p(t) = v
×i-v×i×cos(2ωt)
ACTIVE REAL POWER
SIGNAL = v
× i
0x19999A
VI
0xCCCCD
0x00000
CURRENT
i(t) = 2
×i×sin(ωt)
VOLTAGE
v(t) = 2
×v×sin(ωt)
02875-0-060
Figure 61. Active Power Calculation
Since LPF2 does not have an ideal “brick wall” frequency
response—see Figure 62, the active power signal has some
ripple due to the instantaneous power signal. This ripple is
sinusoidal and has a frequency equal to twice the line frequency.
Because the ripple is sinusoidal in nature, it is removed when
the active power signal is integrated to calculate energy—see the
Energy Calculation section.
FREQUENCY (Hz)
–24
1
–20
3
10
30
100
–12
–16
–8
–4
0
02875-0-061
Figure 62. Frequency Response of LPF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com