Electronic Components Datasheet Search
  English  ▼

X  

ADE7753 Datasheet(PDF) 20 Page - Analog Devices

Part # ADE7753
Description  Single-Phase Multifunction Metering IC with di/dt Sensor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7753 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADE7753_15 Datasheet HTML 16Page - Analog Devices ADE7753_15 Datasheet HTML 17Page - Analog Devices ADE7753_15 Datasheet HTML 18Page - Analog Devices ADE7753_15 Datasheet HTML 19Page - Analog Devices ADE7753_15 Datasheet HTML 20Page - Analog Devices ADE7753_15 Datasheet HTML 21Page - Analog Devices ADE7753_15 Datasheet HTML 22Page - Analog Devices ADE7753_15 Datasheet HTML 23Page - Analog Devices ADE7753_15 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
ADE7753
Rev. C | Page 20 of 60
SAGCYC [7:0] = 0x04
3 LINE CYCLES
SAG RESET HIGH
WHEN CHANNEL 2
EXCEEDS SAGLVL [7:0]
FULL SCALE
SAGLVL [7:0]
SAG
CHANNEL 2
02875-0-043
Figure 43. ADE7753 Sag Detection
Figure 43 shows the line voltage falling below a threshold that is
set in the sag level register (SAGLVL[7:0]) for three line cycles.
The quantities 0 and 1 are not valid for the SAGCYC register,
and the contents represent one more than the desired number
of full line cycles. For example, when the sag cycle (SAGCYC[7:0])
contains 0x04, the SAG pin goes active low at the end of the
third line cycle for which the line voltage (Channel 2 signal)
falls below the threshold, if the DISSAG bit in the mode register
is Logic 0. As is the case when zero crossings are no longer
detected, the sag event is also recorded by setting the SAG flag
in the interrupt status register. If the SAG enable bit is set to
Logic 1, the IRQ logic output goes active low—see the
section. The
ADE7753
Interrupts
SAG pin goes logic high again when the
absolute value of the signal on Channel 2 exceeds the sag level
set in the sag level register. This is shown in
when the
Figure 43
SAG pin goes high again during the fifth line cycle from the
time when the signal on Channel 2 first dropped below the
threshold level.
Sag Level Set
The contents of the sag level register (1 byte) are compared to
the absolute value of the most significant byte output from LPF1
after it is shifted left by one bit, thus, for example, the nominal
maximum code from LPF1 with a full-scale signal on Channel 2
is 0x2518—see the Channel 2 Sampling section. Shifting one bit
left gives 0x4A30. Therefore writing 0x4A to the SAG level
register puts the sag detection level at full scale. Writing 0x00 or
0x01 puts the sag detection level at 0. The SAG level register is
compared to the most significant byte of a waveform sample
after the shift left and detection is made when the contents of
the sag level register are greater.
PEAK DETECTION
The ADE7753 can also be programmed to detect when the
absolute value of the voltage or current channel exceeds a
specified peak value. Figure 44 illustrates the behavior of the
peak detection for the voltage channel. Both Channel 1 and
Channel 2 are monitored at the same time.
PKV RESET LOW
WHEN RSTSTATUS
REGISTER IS READ
VPKLVL[7:0]
V2
READ RSTSTATUS
REGISTER
PKV INTERRUPT
FLAG (BIT 8 OF
STATUS REGISTER)
02875-0-088
Figure 44. ADE7753 Peak Level Detection
Figure 44 shows a line voltage exceeding a threshold that is set
in the voltage peak register (VPKLVL[7:0]). The voltage peak
event is recorded by setting the PKV flag in the interrupt status
register. If the PKV enable bit is set to Logic 1 in the interrupt
mask register, the IRQ logic output goes active low. Similarly,
the current peak event is recorded by setting the PKI flag in the
interrupt status register—see the
section.
ADE7753 Interrupts
Peak Level Set
The contents of the VPKLVL and IPKLVL registers are
respectively compared to the absolute value of Channel 1 and
Channel 2 after they are multiplied by 2. Thus, for example, the
nominal maximum code from the Channel 1 ADC with a full-
scale signal is 0x2851EC—see the Channel 1 Sampling section.
Multiplying by 2 gives 0x50A3D8. Therefore, writing 0x50 to
the IPKLVL register, for example, puts the Channel 1 peak
detection level at full scale and sets the current peak detection
to its least sensitive value. Writing 0x00 puts the Channel 1
detection level at 0. The detection is done by comparing the
contents of the IPKLVL register to the incoming Channel 1
sample. The IRQ pin indicates that the peak level is exceeded if
the PKI or PKV bits are set in the interrupt enable register
(IRQEN[15:0]) at Address 0x0A.
Peak Level Record
The ADE7753 records the maximum absolute value reached by
Channel 1 and Channel 2 in two different registers—IPEAK
and VPEAK, respectively. VPEAK and IPEAK are 24-bit
unsigned registers. These registers are updated each time the
absolute value of the waveform sample from the corresponding
channel is above the value stored in the VPEAK or IPEAK
register. The contents of the VPEAK register correspond to 2×
the maximum absolute value observed on the Channel 2 input.
The contents of IPEAK represent the maximum absolute value
observed on the Channel 1 input. Reading the RSTVPEAK and
RSTIPEAK registers clears their respective contents after the read
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com