Electronic Components Datasheet Search
  English  ▼

X  

ADE7753 Datasheet(PDF) 22 Page - Analog Devices

Part # ADE7753
Description  Single-Phase Multifunction Metering IC with di/dt Sensor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7753 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADE7753_15 Datasheet HTML 18Page - Analog Devices ADE7753_15 Datasheet HTML 19Page - Analog Devices ADE7753_15 Datasheet HTML 20Page - Analog Devices ADE7753_15 Datasheet HTML 21Page - Analog Devices ADE7753_15 Datasheet HTML 22Page - Analog Devices ADE7753_15 Datasheet HTML 23Page - Analog Devices ADE7753_15 Datasheet HTML 24Page - Analog Devices ADE7753_15 Datasheet HTML 25Page - Analog Devices ADE7753_15 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
ADE7753
Rev. C | Page 22 of 60
Interrupt Timing
The ADE7753 Serial Interface section should be reviewed first
before reviewing the interrupt timing. As previously described,
when the IRQ output goes low, the MCU ISR must read the
interrupt status register to determine the source of the interrupt.
When reading the status register contents, the IRQ output is set
high on the last falling edge of SCLK of the first byte transfer
(read interrupt status register command). The IRQ output is
held high until the last bit of the next 15-bit transfer is shifted
out (interrupt status register contents)—see
. If an
interrupt is pending at this time, the
Figure 45
IRQ output goes low again.
If no interrupt is pending, the IRQ output stays high.
TEMPERATURE MEASUREMENT
The ADE7753 also includes an on-chip temperature sensor. A
temperature measurement can be made by setting Bit 5 in the
mode register. When Bit 5 is set logic high in the mode register,
the ADE7753 initiates a temperature measurement on the next
zero crossing. When the zero crossing on Channel 2 is detected,
the voltage output from the temperature sensing circuit is
connected to ADC1 (Channel 1) for digitizing. The resulting
code is processed and placed in the temperature register
(TEMP[7:0]) approximately 26 μs later (96/CLKIN seconds). If
enabled in the interrupt enable register (Bit 5), the IRQ output
goes active low when the temperature conversion is finished.
The contents of the temperature register are signed (twos
complement) with a resolution of approximately 1.5 LSB/°C.
The temperature register produces a code of 0x00 when the
ambient temperature is approximately −25°C. The temperature
measurement is uncalibrated in the ADE7753 and has an offset
tolerance as high as ±25°C.
ADE7753 ANALOG-TO-DIGITAL CONVERSION
The analog-to-digital conversion in the ADE7753 is carried out
using two second-order Σ-Δ ADCs. For simplicity, the block
diagram in Figure 47 shows a first-order Σ-Δ ADC. The converter
is made up of the Σ-Δ modulator and the digital low-pass filter.
24
DIGITAL
LOW-PASS
FILTER
R
C
ANALOG
LOW-PASS FILTER
+
–
VREF
1-BIT DAC
INTEGRATOR
MCLK/4
LATCHED
COMPARATOR
.....10100101.....
+
–
02875-0-046
Figure 47. First-Order
Σ-∆ ADC
A Σ-Δ modulator converts the input signal into a continuous
serial stream of 1s and 0s at a rate determined by the sampling
clock. In the ADE7753, the sampling clock is equal to CLKIN/4.
The 1-bit DAC in the feedback loop is driven by the serial data
stream. The DAC output is subtracted from the input signal. If
the loop gain is high enough, the average value of the DAC out-
put (and therefore the bit stream) can approach that of the input
signal level. For any given input value in a single sampling interval,
the data from the 1-bit ADC is virtually meaningless. Only when
a large number of samples are averaged is a meaningful result
obtained. This averaging is carried out in the second part of the
ADC, the digital low-pass filter. By averaging a large number of
bits from the modulator, the low-pass filter can produce 24-bit
data-words that are proportional to the input signal level.
The Σ-Δ converter uses two techniques to achieve high resolution
from what is essentially a 1-bit conversion technique. The first
is oversampling. Oversampling means that the signal is sampled
at a rate (frequency), which is many times higher than the
bandwidth of interest. For example, the sampling rate in the
ADE7753 is CLKIN/4 (894 kHz) and the band of interest is
40 Hz to 2 kHz. Oversampling has the effect of spreading the
quantization noise (noise due to sampling) over a wider
bandwidth. With the noise spread more thinly over a wider
bandwidth, the quantization noise in the band of interest is
lowered—see Figure 48. However, oversampling alone is not
efficient enough to improve the signal-to-noise ratio (SNR) in
the band of interest. For example, an oversampling ratio of 4 is
required just to increase the SNR by only 6 dB (1 bit). To keep
the oversampling ratio at a reasonable level, it is possible to
shape the quantization noise so that the majority of the noise
lies at the higher frequencies. In the Σ-Δ modulator, the noise is
shaped by the integrator, which has a high-pass-type response
for the quantization noise. The result is that most of the noise is
at the higher frequencies where it can be removed by the digital
low-pass filter. This noise shaping is shown in Figure 48.
447
0
894
2
NOISE
SIGNAL
DIGITAL
FILTER
ANTILALIAS
FILTER (RC)
SAMPLING
FREQUENCY
HIGH RESOLUTION
OUTPUT FROM DIGITAL
LPF
SHAPED
NOISE
447
0
894
2
NOISE
SIGNAL
FREQUENCY (kHz)
FREQUENCY (kHz)
02875-0-047
Figure 48. Noise Reduction Due to Oversampling and
Noise Shaping in the Analog Modulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com