Electronic Components Datasheet Search
  English  ▼

X  

ADF7011 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF7011
Description  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7011 Datasheet(HTML) 4 Page - Analog Devices

  ADF7011_15 Datasheet HTML 1Page - Analog Devices ADF7011_15 Datasheet HTML 2Page - Analog Devices ADF7011_15 Datasheet HTML 3Page - Analog Devices ADF7011_15 Datasheet HTML 4Page - Analog Devices ADF7011_15 Datasheet HTML 5Page - Analog Devices ADF7011_15 Datasheet HTML 6Page - Analog Devices ADF7011_15 Datasheet HTML 7Page - Analog Devices ADF7011_15 Datasheet HTML 8Page - Analog Devices ADF7011_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
REV. 0
–4–
ADF7011
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADF7011 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1, 2
(TA = 25
°C, unless otherwise noted.)
VDD to GND
3
. . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to + 7 V
CPVDD to GND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to + 7 V
Digital I/O Voltage to GND . . . . . . . –0.3 V to DVDD + 0.3 V
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +125°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 125
°C
TSSOP JA Thermal Impedance . . . . . . . . . . . . . . 150.4
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 235
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240
°C
ORDERING GUIDE
Temperature
Model
Range
Package Option
ADF7011BRU
–40ºC to +85ºC
RU-24 (TSSOP)
ADF7011BRU-REEL
–40ºC to +85ºC
RU-24 (TSSOP)
ADF7011BRU-REEL7
–40ºC to +85ºC
RU-24 (TSSOP)
(VDD = 3 V
10%; VGND = 0 V, TA = 25 C, unless otherwise noted.)
TIMING CHARACTERISTICS
Limit at
TMIN to TMAX
Parameter
(B Version)
Unit
Test Conditions/Comments
t1
10
ns min
DATA to CLOCK Setup Time
t2
10
ns min
DATA to CLOCK Hold Time
t3
25
ns min
CLOCK High Duration
t4
25
ns min
CLOCK Low Duration
t5
10
ns min
CLOCK to LE Setup Time
t6
20
ns min
LE Pulsewidth
Guaranteed by design but not production tested.
Specifications subject to change without notice.
CLOCK
DB23 (MSB)
DB22
DB2
DB1
(CONTROL BIT C2)
DATA
LE
DB0 (LSB)
(CONTROL BIT C1)
t
6
t
1
t
2
t
3
t
4
t
5
Figure 1. Timing Diagram
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2 This device is a high performance RF integrated circuit with an ESD rating of
<1 kV and is ESD sensitive. Proper precautions should be taken for handling and
assembly.
3 GND = VCOGND = CPGND = RFGND = DGND = AGND = 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com