Electronic Components Datasheet Search
  English  ▼

X  

ADF7011 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF7011
Description  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7011 Datasheet(HTML) 1 Page - Analog Devices

  ADF7011_15 Datasheet HTML 1Page - Analog Devices ADF7011_15 Datasheet HTML 2Page - Analog Devices ADF7011_15 Datasheet HTML 3Page - Analog Devices ADF7011_15 Datasheet HTML 4Page - Analog Devices ADF7011_15 Datasheet HTML 5Page - Analog Devices ADF7011_15 Datasheet HTML 6Page - Analog Devices ADF7011_15 Datasheet HTML 7Page - Analog Devices ADF7011_15 Datasheet HTML 8Page - Analog Devices ADF7011_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
ADF7011
High Performance ISM Band
ASK/FSK/GFSK Transmitter IC
FEATURES
Single Chip Low Power UHF Transmitter
Frequency Band
433 MHz to 435 MHz
868 MHz to 870 MHz
On-Chip VCO and Fractional-N PLL
2.3 V to 3.6 V Supply Voltage
Programmable Output Power
–16 dBm to +12 dBm, 0.3 dB Steps
Data Rates up to 76.8 kbps
Low Current Consumption
29 mA at +10 dBm at 433.92 MHz
Power-Down Mode (<1
A)
24-Lead TSSOP Package Hooks to External VCO for
< 1.4 GHz Operation
APPLICATIONS
Low Cost Wireless Data Transfer
Wireless Metering
Remote Control/Security Systems
Keyless Entry
FUNCTIONAL BLOCK DIAGRAM
GENERAL DESCRIPTION
The ADF7011 is a low power OOK/ASK/FSK/GFSK UHF
transmitter designed for use in ISM band systems. It contains
and integrated VCO and
Σ-∆ fractional-N PLL. The output
power, channel spacing, and output frequency are program-
mable with four 24-bit registers. The fractional-N PLL enables
the user to select any channel frequency within the European
433 MHz and 868 MHz bands, allowing the use of the ADF7011
in frequency hopping systems. The fractional-N also allows the
transmitter to operate in the less congested sub-bands of the
868 MHz to 870 MHz SRD band.
It is possible to choose from the four different modulation
schemes: Binary or Gaussian Frequency Shift Keying (FSK/
GFSK), Amplitude Shift Keying (ASK), or On/Off Keying
(OOK). The device also features a crystal compensation register
that can provide
±1 ppm resolution in the output frequency.
Indirect temperature compensation of the crystal can be accom-
plished inexpensively using this register.
Control of the four on-chip registers is via a simple 3-wire inter-
face. The devices operate with a power supply ranging from
2.3 V to 3.6 V and can be powered down when not in use.
VCO
OOK/ASK
LDO
REGULATOR
MUXOUT
LOCK DETECT
SERIAL
INTERFACE
FREQUENCY
COMPENSATION
CENTER
FREQUENCY
FRACTIONAL-N
SIGMA-DELTA
OOK/ASK
PFD/
CHARGE
PUMP
R
CLK
PA
FSK/GFSK
OSC1
OSC2
CLKOUT CPVDD CPGND
CREG
CVCO
VCOGND
VDD
RFOUT
RFGND
CREG
RSET
MUXOUT
TEST
AGND
CE
CLK
DATA
LE
TxDATA
TxCLK
DGND
DVDD
CPOUT
VCOIN
ADF7011


Similar Part No. - ADF7011_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7011BRU AD-ADF7011BRU Datasheet
567Kb / 24P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV.0
ADF7011BRU-REEL AD-ADF7011BRU-REEL Datasheet
567Kb / 24P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV.0
ADF7011BRU-REEL7 AD-ADF7011BRU-REEL7 Datasheet
567Kb / 24P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV.0
More results

Similar Description - ADF7011_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
High Performance ISM Band FSK/ASK Transceiver IC
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV.0
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV.0
ADF7012 AD-ADF7012 Datasheet
772Kb / 28P
Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
10/04-Revision 0
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
High Performance ISM Band ASK/FSK Transmitter IC
Jan-2005
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com