Electronic Components Datasheet Search
  English  ▼

X  

ADF7011 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF7011
Description  High Performance ISM Band ASK/FSK/GFSK Transmitter IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7011 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF7011_15 Datasheet HTML 4Page - Analog Devices ADF7011_15 Datasheet HTML 5Page - Analog Devices ADF7011_15 Datasheet HTML 6Page - Analog Devices ADF7011_15 Datasheet HTML 7Page - Analog Devices ADF7011_15 Datasheet HTML 8Page - Analog Devices ADF7011_15 Datasheet HTML 9Page - Analog Devices ADF7011_15 Datasheet HTML 10Page - Analog Devices ADF7011_15 Datasheet HTML 11Page - Analog Devices ADF7011_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
REV. 0
–8–
ADF7011
Ch1 500mV
C1 FREQ
1.6MHz
M 200ns
C1 RISE
144.8ns
C1 FALL
145.6ns
C1 +DUTY
49.385%
TPC 7. 1.6 MHz CLOCKOUT Waveform
SPAN 5.00MHz
868.3MHz
+10dBm
VDD = 3V
PFD FREQUENCY = 19.2MHz
LOOP BW = 100kHz
RBW = 10Hz
+1.6MHz
–53dBc
TPC 8. Spurious Signal Generated by CLOCKOUT
0.8
0.9
1.0
1.1
1.2
1.3
1.4
FREQUENCY (GHz)
0
–5
–10
–15
–20
–25
TPC 9. N-Divider Input Sensitivity
FREQUENCY (MHz)
90
80
885
70
60
945
925
915
905
895
50
40
100
110
935
VDD = 3V
TA = 25 C
TPC 10. Typical VCO Gain
PA SETTING (Modulation Register)
40
–30
VDD = 2.2V
VDD = 3.0V
VDD = 3.6V
–25
–20
–15
–10
–5
0
5
10
15
20
60
80
100
120
MID RANGE
LOW RANGE
HIGH RANGE
TPC 11. PA Output Programmability, TA = 25
°C
SUPPLY VOLTAGE (V)
40
38
2.2
36
34
3.4
3.0
2.8
2.6
2.4
32
30
42
44
3.2
3.6
TPC 12. IDD vs. VDD @ 10 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com